Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V28A12H200BS3 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V28A12H200BS3
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A12H200BS3 Datasheet(HTML) 4 Page - Vicor Corporation

  V28A12H200BS3 Datasheet HTML 1Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 2Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 3Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 4Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 5Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 6Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 7Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 8Page - Vicor Corporation V28A12H200BS3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 4 of 12
02/2016
800 927.9474
28 V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S28A3V3C150BL (enhanced efficiency)
78.5
83.7
%
Nominal input; full load; 25°C
V28A3V3C150BL (standard efficiency)
77.3
78.6
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
4.14
4.30
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
11.4
12.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
45.45
Amps
Current limit
46.4
52.3
61.5
Amps
Output voltage 95% of nominal
Short circuit current
31.8
52.3
61.5
Amps
Output voltage <250 mV
3.3 Vout, 150 W (e.g. S28A3V3C150BL, V28A3V3C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S28A5C175BL (enhanced efficiency)
78.6
82.0
%
Nominal input; full load; 25°C
V28A5C175BL (standard efficiency)
77.0
78.6
Ripple and noise
280
350
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
14.4
15.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Curent
0
35
Amps
Current limit
35.7
40.3
49.0
Amps
Output voltage 95% of nominal
Short circuit current
24.5
40.3
47.3
Amps
Output voltage <250 mV
5 Vout, 175 W (e.g. S28A5C175BL, V28A5C175BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S28A6V5C200BL (enhanced efficiency)
80.0
83.0
%
Nominal input; full load; 25°C
V28A6V5C200BL (standard efficiency)
78.5
79.7
Ripple and noise
275
344
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
7.7
7.98
8.26
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
11.6
12.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
30.77
Amps
Current limit
31.4
35.4
41.6
Amps
Output voltage 95% of nominal
Short circuit current
21.5
35.4
41.6
Amps
Output voltage <250 mV
6.5 Vout, 200 W (e.g. S28A6V5C200BL, V28A6V5C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S28A8C200BL (enhanced efficiency)
80.5
83.5
%
Nominal input; full load; 25°C
V28A8C200BL (standard efficiency)
79.5
80.9
Ripple and noise
325
407
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
15.6
16.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250 mV
8 Vout, 200 W (e.g. S28A8C200BL, V28A8C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - V28A12H200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A12H200BS3 VICOR-V28A12H200BS3 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A12H200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com