Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-3111Q0001KI1T Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC400-3111Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-3111Q0001KI1T Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC400-3111Q0001KI1T Datasheet HTML 1Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 2Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 3Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-3111Q0001KI1T Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 4
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
Ordering Information
(Example shown in red font)
Factory configuration code assignment of Qxxxx
The DSC400 is meant for customers to define their own frequency requirements at the four
available outputs. The Qxxxx number identifies these specific customer requirements and is
assigned by the factory.
Table 2: Example of how FSB1 and FSB2 are applied and the Qxxxx code assignment
Bank1
Outputs
FSB1
Qxxxx number
1 (default)
0
Q0001
CLK0
125 MHz
150 MHz
CLK3
50 MHz
25 MHz
Bank2
Outputs
FSB2
1 (default)
0
CLK1
156.25 MHz
100 MHz
CLK2
156.25 MHz
100 MHz
DSC400-
2 1
CLK2 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
4
4
3
CLK3 Output Format
0: off
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
CLK1 Output Format
0: off
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
CLK0 Output Format
1: LVCMOS
2: LVPECL
3: LVDS
4: HCSL
Packing
T: Tape & Reel
Q
Package
K: 20 QFN
Temp Range
E: -20ºC to 70ºC
I: -40ºC to 85º
Stability
1: ±50ppm
2: ±25ppm
x
T
x
x
K
1
T
E
T
x
Frequency Code
Qxxxx is assigned
by factory; see
Table2


Similar Part No. - DSC400-3111Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-3111Q0001KI1T MICROCHIP-DSC400-3111Q0001KI1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-3111Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com