Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF40A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMF40A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMF40A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMF40A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMF40A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMF40A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMF64A
SMF64CA
XX
NX
XB
NV
XT
NT
XR
NR
XP
NP
XM
NM
XK
NK
XG
NG
XE
NE
JZ
MZ
JX
MX
JV
MV
JT
MT
SMF90CA
SMF90A
SMF85CA
SMF85A
SMF78CA
SMF78A
SMF75CA
SMF75A
SMF70CA
SMF70A
SMF60CA
SMF60A
SMF58CA
SMF58A
SMF54CA
SMF54A
SMF51CA
SMF51A
SMF48CA
SMF48A
SMF45CA
SMF43CA
SMF45A
SMF43A
(mA)
2 of 3
SMF40CA
SMF100CA
SMF110CA
SMF120CA
SMF130CA
SMF36CA
SMF33CA
SMF30CA
SMF28CA
SMF26CA
SMF24CA
SMF22CA
SMF20CA
SMF18CA
SMF17CA
SMF16CA
SMF15CA
SMF14CA
SMF13CA
SMF150CA
SMF160CA
SMF170CA
SMF12CA
SMF11CA
SMF10CA
SMF9.0CA
SMF8.5CA
SMF8.0CA
SMF7.5CA
SMF7.0CA
SMF6.5CA
SMF6.0CA
SMF5.0CA
PR
PP
PM
PK
PG
PE
NZ
(Uni)
KM
I
SMF5.0A
KE
400
9.2
21.7
SMF6.0A
KG
400
10.3
19.4
SMF6.5A
KK
250
11.2
17.9
SMF7.0A
100
12.0
16.7
SMF7.5A
KP
50
12.9
15.5
SMF8.0A
KR
25
13.6
14.7
SMF8.5A
KT
10
14.4
13.9
SMF9.0A
KV
5.0
15.4
13.0
SMF10A
KX
2.5
17.0
11.8
SMF11A
KZ
2.5
18.2
11.0
SMF12A
LE
2.5
19.9
10.1
SMF13A
LG
1.0
21.5
9.3
SMF14A
LK
1.0
23.2
8.6
SMF15A
LM
1.0
24.4
8.2
SMF16A
LP
1.0
26.0
7.7
SMF17A
LR
1.0
27.6
7.2
SMF18A
LT
1.0
29.2
6.8
SMF20A
LV
1.0
32.4
6.2
SMF22A
LX
1.0
35.5
5.6
SMF24A
LZ
1.0
38.9
5.1
SMF26A
ME
1.0
42.1
4..8
SMF28A
MG
1.0
45.4
4.4
SMF30A
MK
1.0
48.4
4.1
SMF33A
MM
1.0
53.3
3.8
SMF36A
MP
1.0
58.1
3.4
SMF40A
MR
1.0
64.5
3.1
1.0
69.4
2.9
1.0
72.7
2.8
1.0
77.4
2.6
1.0
82.4
2.4
1.0
87.1
2.3
1.0
93.6
2.1
1.0
96.8
1.8
1.0
103
1.7
1.0
113
1.5
1.0
121
1.4
1.0
126
1.4
1.0
137
1.3
1.0
146
1.2
SMF100A
1.0
162
1.1
SMF110A
1.0
177
1.0
SMF120A
1.0
193
0.9
SMF130A
1.0
209
0.8
SMF150A
1.0
243
0.7
SMF160A
1.0
259
0.7
SMF170A
1.0
275
0.6
Marking
(Bi)
FM
XZ
TE
TG
TK
TM
TP
TR
JR
FE
JP
JM
JK
JG
JE
HZ
HX
HV
HT
HR
HP
HM
HK
HG
HE
FZ
FX
FV
FT
FR
FK
FG
FP
TYPE
(Uni)
(Bi)
www.sunmate.tw
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
T (mA)
VC(V)
IPP
IR(uA)
5.0
6.40
6.0
6.67
7.37
10
6.5
7.22
7.98
10
7.0
7.78
10
8.60
7.5
8.33
9.21
1.0
8.0
8.89
9.83
1.0
8.5
9.44
10.4
1.0
9.0
10.0
11.1
1.0
10
11.1
12.3
1.0
11
12.2
13.5
1.0
12
13.3
14.7
1.0
13
14.4
15.9
1.0
14
15.6
17.2
1.0
15
16.7
18.5
1.0
16
19.7
1.0
17.8
17
18.9
20.9
1.0
18
20.0
22.1
1.0
189
209
1.0
170
160
178
197
1.0
150
167
185
1.0
130
144
159
1.0
120
133
147
1.0
110
122
135
1.0
100
111
123
1.0
90
100
111
1.0
85
94.4
104
1.0
78
95.8
1.0
75
83.3
92.1
1.0
86.7
20
24.5
1.0
22.2
22
26.9
1.0
24.4
24
26.7
29.5
1.0
26
28.9
31.9
1.0
28
31.1
34.4
1.0
30
33.3
36.8
1.0
33
36.7
40.6
1.0
36
40.0
44.2
1.0
40
44.4
49.1
1.0
70
77.8
86.0
1.0
64
71.1
78.6
1.0
60
66.7
73.7
1.0
58
71.2
1.0
64.4
43
47.8
52.8
1.0
45
50.0
55.3
1.0
48
53.3
58.9
1.0
51
56.7
62.7
1.0
54
60.0
66.3
1.0
7.00
10


Similar Part No. - SMF40A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF40A DGNJDZ-SMF40A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF40A VISHAY-SMF40A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF40A UNSEMI-SMF40A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMF40A LUGUANG-SMF40A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMF40A VISHAY-SMF40A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF40A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com