Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2427 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2427
Description  Triple 80 MHz CRT Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2427 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2427 Datasheet HTML 1Page - National Semiconductor (TI) LM2427 Datasheet HTML 2Page - National Semiconductor (TI) LM2427 Datasheet HTML 3Page - National Semiconductor (TI) LM2427 Datasheet HTML 4Page - National Semiconductor (TI) LM2427 Datasheet HTML 5Page - National Semiconductor (TI) LM2427 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Hints (Continued)
TILT AND OVERSHOOT COMPENSATlON
When a low frequency square is displayed on a monitor
screen some tilt may appear on the video signal due to the
large power and thermal dissipation changes in the input
transistors This problem is illustrated in
Figure 3
TLH11967 – 7
FIGURE 3 Tilt on a Low Frequency
Signal and Its Effects
The tilt can be compensated by adding an external RC feed-
back network as shown in
Figure 4 The RC feedback helps
by reducing the gain of the amplifier during the edge tran-
sition for a duration corresponding to u The values of R and
C should be selected so that the gain is reduced (DV e 0)
for the duration of the tilt (u)
TLH11967 – 8
FIGURE 4 RC Feedback Network for Tilt Compensation
To find the value of resistor R the following formula can be
used
R e
(100 b x%)
x%
RF
where x% is the percentage value of DV to the peak-to-
peak output swing (VPP) RF is internally fixed to 5700X
The value of capacitor C is determined by
C e u R
where u is the duration of the tilt
For optimum results in a specific application the values for
R and C may need to be tested and adjusted in the given
application board
PROTECTlNG AMPLIFIER OUTPUT
FROM TUBE ARCING
During normal CRT operation internal arcing may occasion-
ally occur Spark gap protectors will limit the maximum volt-
age but to a value that is much higher than allowable on the
LM2427 This fast high voltage high energy pulse can dam-
age the LM2427 output stage The addition of two current
limiting resistors of 50X to 100X total and clamping diodes
D1 and D2 will provide protection but will slow down the
response The diodes should have a fast transient re-
sponse high peak current rating low series impedance and
low shunt capacitance FDH400 or equivalent diodes are
recommended Adding a series peaking inductor of 100 nH
to 150 nH will restore the bandwidth and provide additional
protection (See
Figure 5 )
The value of the inductor can be calculated from
Lp e
(RO a R1 a R2)2
24
CL
where CL is the total load and RO is the intrinsic high fre-
quency output resistance of the amplifier generally 160X
TLH11967 – 9
FIGURE 5 One Section of the LM2427
with Tilt Compensation Arc Protection
and Peaking Inductance LP in the Output
SHORT CIRCUIT PROTECTION
WARNING
To provide maximum output speed the LM2427 does not
have short circuit protection Shorting the output can de-
stroy the device
SUPPLY BYPASSlNG
Although the LM2427 has internal supply bypassing some
values of supply line inductance can cause ringing in the
supply lines If this occurs an additional bypass capacitor or
a low-pass filter should be placed as close as possible to
the supply (Va) pins of the LM2427
CAPACITlVE LOADS
The LM2427 is designed to drive capacitive loads however
the very high output slew rate of about 13700 V ms can
result in charging currents of over 200 mA into a 20 pF load
These very high currents can damage the output transistors
HEAT SlNKlNG
Power consumption by the LM2427 will depend on the sup-
ply voltage used the output loading the peak-to-peak out-
put swing and the operating frequency Since the LM2427
will dissipate up to 14W an external heatsink is always re-
quired The maximum allowed case temperature is 90 C To
calculate maximum heatsink thermal resistance use the fol-
lowing formula
Rth e
(90 C b Max Ambient)
14
4


Similar Part No. - LM2427

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM242-155.52M CONNOR-WINFIELD-LM242-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2421TA NSC-LM2421TA Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results

Similar Description - LM2427

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH2426 NSC-LH2426 Datasheet
100Kb / 4P
   Triple 80 MHz CRT Driver
LM2418 NSC-LM2418 Datasheet
119Kb / 6P
   Triple 30 MHz CRT Driver
LM2416 NSC-LM2416 Datasheet
214Kb / 4P
   Triple 50 MHz CRT Driver
LM2419 NSC-LM2419 Datasheet
161Kb / 8P
   Triple 65 MHz CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com