Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12430AFNR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBC12430AFNR2G
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430AFNR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NBC12430AFNR2G Datasheet HTML 2Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 3Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 4Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 5Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 6Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 7Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 8Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 9Page - ON Semiconductor NBC12430AFNR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NBC12430, NBC12430A
http://onsemi.com
6
Table 6. DC CHARACTERISTICS (VCC = 3.3 V ± 5%; TA = 0°C to 70°C (NBC12430), TA = −40°C to 85°C (NBC12430A))
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VIH
LVCMOS/
LVTTL
Input HIGH Voltage
VCC = 3.3 V
2.0
V
VIL
LVCMOS/
LVTTL
Input LOW Voltage
VCC = 3.3 V
0.8
V
IIN
Input Current
1.0
mA
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
TEST
VCC = 3.3 V
(Notes 2, 3)
2.155
2.405
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
TESt
VCC = 3.3 V
(Notes 2, 3)
1.355
1.605
V
ICC
Power Supply Current
VCC
PLL_VCC
45
17
58
25
80
30
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. FOUT/FOUT and TEST output levels will vary 1:1 with VCC variation.
3. FOUT/FOUT and TEST outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 7. DC CHARACTERISTICS (VCC = 5.0 V ± 5%; TA = 0°C to 70°C (NBC12430), TA = −40°C to 85°C (NBC12430A))
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VIH
CMOS/
TTL
Input HIGH Voltage
VCC = 5.0 V
2.0
V
VIL
CMOS/
TTL
Input LOW Voltage
VCC = 5.0 V
0.8
V
IIN
Input Current
1.0
mA
VOH
PECL
Output HIGH Voltage
FOUT
FOUT
TEST
VCC = 5.0 V
(Notes 4, 5)
3.855
4.105
V
VOL
PECL
Output LOW Voltage
FOUT
FOUT
TEST
VCC = 5.0 V
(Notes 4, 5)
3.055
3.305
V
ICC
Power Supply Current
VCC
PLL_VCC
50
18
60
24
85
30
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. FOUT/FOUT and TEST output levels will vary 1:1 with VCC variation.
5. FOUT/FOUT and TEST outputs are terminated through a 50 W resistor to VCC − 2.0 V.


Similar Part No. - NBC12430AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430AFNR2G ONSEMI-NBC12430AFNR2G Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
More results

Similar Description - NBC12430AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com