Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3P623S05A Datasheet(PDF) 3 Page - ON Semiconductor

Part # P3P623S05A
Description  Timing-Safe Peak EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P623S05A Datasheet(HTML) 3 Page - ON Semiconductor

  P3P623S05A Datasheet HTML 1Page - ON Semiconductor P3P623S05A Datasheet HTML 2Page - ON Semiconductor P3P623S05A Datasheet HTML 3Page - ON Semiconductor P3P623S05A Datasheet HTML 4Page - ON Semiconductor P3P623S05A Datasheet HTML 5Page - ON Semiconductor P3P623S05A Datasheet HTML 6Page - ON Semiconductor P3P623S05A Datasheet HTML 7Page - ON Semiconductor P3P623S05A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P3P623S05A/B, P3P623S09A/B
http://onsemi.com
3
Figure 3. Pin Configuration for P3P623S09A/B
1
2
3
413
14
15
16
CLKA4
CLKA3
CLKOUT
VDD
CLKIN
CLKA1
CLKA2
VDD
5
6
7
89
10
11
12
P3P623S09A/B
CLKB4
CLKB3
GND
S1
GND
CLKB1
CLKB2
S2
Table 2. PIN DESCRIPTION FOR P3P623S05A/B
Pin #
Pin Name
Type
Description
1
CLKIN (Note 1)
I
External reference Clock input, 5 V tolerant input.
2
CLKA1 (Note 2)
O
Buffered clock Bank A output (Note 4)
3
CLKA2 (Note 2)
O
Buffered clock Bank A output (Note 4)
4
VDD
P
3.3 V supply
5
GND
P
Ground
6
CLKB1 (Note 2)
O
Buffered clock Bank B output (Note 4)
7
CLKB2 (Note 2)
O
Buffered clock Bank B output (Note 4)
8
S2 (Note 3)
I
Select input, bit 2. See Select Input Decoding table for P3P623S09A/B for more details.
9
S1 (Note 3)
I
Select input, bit 1. See Select Input Decoding table for P3P623S09A/B for more details.
10
CLKB3 (Note 2)
O
Buffered clock Bank B output (Note 4)
11
CLKB4 (Note 2)
O
Buffered clock Bank B output (Note 4)
12
GND
P
Ground
13
VDD
P
3.3 V supply
14
CLKA3 (Note 2)
O
Buffered clock Bank A output (Note 4)
15
CLKA4 (Note 2)
O
Buffered clock Bank A output (Note 4)
16
CLKOUT (Note 2)
O
Buffered clock output. Internal feedback on this pin.
1. Weak pull−down
2. Weak pull−down on all outputs
3. Weak pull−up on these inputs
4. Buffered clock output is Timing−Safe
Table 3. SELECT INPUT DECODING TABLE FOR P3P623S09A/B
S2
S1
CLK A1 − A4
CLK B1 − B4
CLKOUT (Note 5)
Output Source
PLL Shut−Down
0
0
Three−state
Three−state
Driven
PLL
N
0
1
Driven
Three−state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
5. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the
reference and the Output.


Similar Part No. - P3P623S05A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Similar Description - P3P623S05A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com