Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7705DQR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7705DQR2G
Description  Mirror-Module Driver-IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7705DQR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7705DQR2G Datasheet HTML 7Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 8Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 9Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 10Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 11Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 12Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 13Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 14Page - ON Semiconductor NCV7705DQR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NCV7705, NCV7706
www.onsemi.com
11
ELECTRICAL CHARACTERISTICS (continued)
4.5 V < VCC < 5.25 V, 8 V < Vs < 18 V, −40°C < TJ < 150°C; unless otherwise noted.
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
LED DRIVER OUTPUTS OUT7, OUT8
Ron_out7,8
On−resistance to supply,
HS switch
TJ = 25°C, Iout7,8 = −0.2 A
1.4
W
TJ = 125°C, Iout7,8 = −0.2 A
3
W
Ioc7,8
Overcurrent threshold
−0.6
−0.3
A
Iuld7,8
Underload detection threshold
−18
−4
mA
td_OUT7,8(on)
Output delay time, Driver on
Time from CSB going high to
V(OUT7,8) = 0.1
·Vs / 0.9·Vs (on/off)
48
ms
td_OUT7,8(off)
Output delay time, Driver off
48
Ileak_act7,8
Output leakage current, Active
mode
V(OUT7,8) = 0 V
−10
18
mA
Ileak_stdby7,8
Output leakage current, Standby
mode
V(OUT7,8) = 0 V
−5
23
mA
Ileak_out_vs7,8
Output leakage current
V(OUT7,8) = VS
1
mA
td_uld7,8
Underload blanking delay
430
610
ms
tdb_old_OUT7,8
Overload shutdown blanking delay
Timer started after output activation
200
290
ms
td_old_OUT7,8
Overload shutdown filter time
Timer started after blanking delay
elapsed
16
50
ms
frec7,8L
Recovery frequency, slow recovery
mode
CONTROL_3.OCRF = 0
1
4
kHz
frec7,8H
Recovery frequency, fast recovery
mode
CONTROL_3.OCRF = 1
2
6
kHz
dVout7,8
Slew rate
Vs = 13.5 V, Rload = 64
W
0.2
V/
ms
HEATER OUTPUT OUT9
Ron_out9
On−resistance to supply,
HS switch
TJ = 25°C, Iout9 = −3 A
0.1
W
TJ = 125°C, Iout9 = −3 A
0.2
W
Ioc9
Overcurrent threshold
−10
−6
A
Iuld9
Underload detection threshold
−300
−30
mA
td_OUT9(on)
Output delay time, Driver on
Time from CSB going high to
V(OUT9) = 0.1
·Vs / 0.9·Vs (on/off);
Rload = 64
W
3
12
ms
td_OUT9(off)
Output delay time, Driver off
3
12
Ileak_act9
Output leakage current, Active
mode
V(OUT9) = 0 V
−10
mA
Ileak_stdby9
Output leakage current, Standby
mode
V(OUT9) = 0 V
−5
mA
Ileak_out9_vs
Output leakage current
V(OUT9) = VS
1
mA
td_uld9
Underload blanking delay
430
610
ms
tdb_old_OUT9
Overload shutdown blanking delay
Timer started after output activation
30
48
ms
td_old_OUT9
Overload shutdown blanking delay
Timer started after blanking delay
elapsed
16
25
ms
frec9L
Recovery frequency, slow recovery
mode
CONTROL_3.OCRF = 0
1
4
kHz
frec9H
Recovery frequency, fast recovery
mode
CONTROL_3.OCRF = 1
2
6
kHz
dVout9
Slew rate
Vs = 13.5 V, Rload = 4
W
1.3
2.3
3.3
V/
ms


Similar Part No. - NCV7705DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7705DQR2G ONSEMI-NCV7705DQR2G Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results

Similar Description - NCV7705DQR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
NCV7704 ONSEMI-NCV7704 Datasheet
244Kb / 34P
   Mirror-Module Driver-IC
April, 2016 ??Rev. 0
logo
Sanyo Semicon Device
LB1872 SANYO-LB1872 Datasheet
167Kb / 11P
   Polygon Mirror Scanner Driver IC
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
   Mirror Power IC
Rev. 1.0, February 2009
logo
Sanyo Semicon Device
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1875 SANYO-LB1875 Datasheet
207Kb / 17P
   Polygon Mirror Motor Predriver IC
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
   Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com