Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12429FNG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NBC12429FNG
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429FNG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NBC12429FNG Datasheet HTML 5Page - ON Semiconductor NBC12429FNG Datasheet HTML 6Page - ON Semiconductor NBC12429FNG Datasheet HTML 7Page - ON Semiconductor NBC12429FNG Datasheet HTML 8Page - ON Semiconductor NBC12429FNG Datasheet HTML 9Page - ON Semiconductor NBC12429FNG Datasheet HTML 10Page - ON Semiconductor NBC12429FNG Datasheet HTML 11Page - ON Semiconductor NBC12429FNG Datasheet HTML 12Page - ON Semiconductor NBC12429FNG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NBC12429, NBC12429A
http://onsemi.com
9
Table 9. PROGRAMMING VCO FREQUENCY FUNCTION TABLE WITH 16 MHZ CRYSTAL
VCO
Frequency
(MHz)
MCount
Divisor
256
128
64
32
16
8
4
2
1
M8
M7
M6
M5
M4
M3
M2
M1
M0
200
200
0
1
1
0
0
1
0
0
0
201
201
0
1
1
0
0
1
0
0
1
202
202
0
1
1
0
0
1
0
1
0
203
203
0
1
1
0
0
1
0
1
1
397
397
1
1
0
0
0
1
1
0
1
398
398
1
1
0
0
0
1
1
1
0
399
399
1
1
0
0
0
1
1
1
1
400
400
1
1
0
0
1
0
0
0
0
PROGRAMMING INTERFACE
Programming the NBC12429 and NBC12429A is
accomplished by properly configuring the internal dividers
to produce the desired frequency at the outputs. The output
frequency can by represented by this formula:
FOUT + (FXTAL B 16)
M B N
(eq. 1)
where FXTAL is the crystal frequency, M is the loop divider
modulus, and N is the output divider modulus. Note that it
is possible to select values of M such that the PLL is unable
to achieve loop lock. To avoid this, always make sure that M
is selected to be 200
≤ M≤ 400 for a 16 MHz input reference.
Assuming that a 16 MHz reference frequency is used the
above equation reduces to:
FOUT + M B N
(eq. 2)
Substituting the four values for N (1, 2, 4, 8) yields:
Table 10. Programmable Output Divider Function
N1
N0
N Divider
FOUT
Output
Frequency
Range (MHz)*
FOUT
Step
0
0
B1
M
200−400
1 MHz
0
1
B2
M B 2
100−200
500 kHz
1
0
B4
M B 4
50−100
250 kHz
1
1
B8
M B 8
25−50
125 kHz
*For crystal frequency of 16 MHz.
The user can identify the proper M and N values for the
desired frequency from the above equations. The four output
frequency
ranges
established
by
N
are
200 MHz − 400 MHz,
100
MHz
200
MHz,
50 MHz − 100 MHz and 25 MHz − 50 MHz, respectively.
From these ranges, the user will establish the value of N
required. The value of M can then be calculated based on
Equation 1. For example, if an output frequency of
131 MHz was desired, the following steps would be taken to
identify the appropriate M and N values. 131 MHz falls
within the frequency range set by an N value of 2; thus, N
[1:0] = 01. For N = 2, FOUT = M ÷ 2 and M = 2 x FOUT.
Therefore,
M + 131
2 + 262, soM[8 : 0] + 100000110.
Following this same procedure, a user can generate any
whole frequency desired between 25 and 400 MHz. Note
that for N > 2, fractional values of FOUT can be realized. The
size of the programmable frequency steps (and thus, the
indicator of the fractional output frequencies achievable)
will be equal to FXTAL ÷ 16 ÷ N.
For input reference frequencies other than 16 MHz, see
Table 11, which shows the usable VCO frequency and
M divider range.
The input frequency and the selection of the feedback
divider M is limited by the VCO frequency range and
FXTAL. M must be configured to match the VCO frequency
range of 200 MHz to 400 MHz in order to achieve stable
PLL operation.
M min + fVCOmin B (fXTAL B 16) and
(eq. 3)
M max + fVCOmax B (fXTAL B 16)
(eq. 4)
The value for M falls within the constraints set for PLL
stability. If the value for M fell outside of the valid range, a
different N value would be selected to move M in the
appropriate direction.
The M and N counters can be loaded either through a
parallel or serial interface. The parallel interface is
controlled via the P_LOAD signal such that a LOW to HIGH
transition will latch the information present on the M[8:0]
and N[1:0] inputs into the M and N counters. When the
P_LOAD signal is LOW, the input latches will be
transparent and any changes on the M[8:0] and N[1:0] inputs
will affect the FOUT output pair. To use the serial port, the


Similar Part No. - NBC12429FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429FNG ONSEMI-NBC12429FNG Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results

Similar Description - NBC12429FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com