Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2309AI1HDTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB2309AI1HDTR2G
Description  3.3 V Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2309AI1HDTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NB2309AI1HDTR2G Datasheet HTML 1Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 2Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 3Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 4Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 5Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 6Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 7Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 8Page - ON Semiconductor NB2309AI1HDTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NB2309A
www.onsemi.com
3
Figure 2. Pin Configuration
VDD
1
2
3
4
16
15
14
13
REF
CLKA1
CLKA2
GND
CLKOUT
CLKA4
CLKA3
NB2309A
VDD
5
6
7
8
12
11
10
9
CLKB1
CLKB2
S2
CLKB4
CLKB3
S1
GND
Table 2. PIN DESCRIPTION
Pin #
Pin Name
Description
1
REF (Note 2)
Input reference frequency, 5 V tolerant input.
2
CLKA1 (Note 3)
Buffered clock output, Bank A.
3
CLKA2 (Note 3)
Buffered clock output, Bank A.
4
VDD
3.3 V supply.
5
GND
Ground.
6
CLKB1 (Note 3)
Buffered clock output, Bank B.
7
CLKB2 (Note 3)
Buffered clock output, Bank B.
8
S2 (Note 4)
Select input, bit 2.
9
S1 (Note 4)
Select input, bit 1.
10
CLKB3 (Note 3)
Buffered clock output, Bank B.
11
CLKB4 (Note 3)
Buffered clock output, Bank B.
12
GND
Ground.
13
VDD
3.3 V supply.
14
CLKA3 (Note 3)
Buffered clock output, Bank A.
15
CLKA4 (Note 3)
Buffered clock output, Bank A.
16
CLKOUT (Note 3)
Buffered output, internal feedback on this pin.
2. Weak pulldown.
3. Weak pulldown on all outputs.
4. Weak pullup on these inputs.


Similar Part No. - NB2309AI1HDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2309AI1HDTR2G ONSEMI-NB2309AI1HDTR2G Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
More results

Similar Description - NB2309AI1HDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com