Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG53AMNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NBSG53AMNR2G
Description  2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53AMNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NBSG53AMNR2G Datasheet HTML 1Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 2Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 3Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 4Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 5Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 6Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG53AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NBSG53A
http://onsemi.com
4
Table 5. ATTRIBUTES
Characteristics
Value
Positive Operating Voltage Range for VCC (VEE = 0 V)
2.375 V to 3.465 V
Negative Operating Voltage Range for VEE (VCC = 0 V)
−2.375 V to −3.465 V
Internal Input Pulldown Resistor (R, SEL)
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1.5 kV
> 50 V
> 4 kV
Moisture Sensitivity (Note 5)
Level 1
Flammability Rating
UL 94 V−0 @ 0.125 in
Oxygen Index
28 to 34
Transistor Count
482
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
5. For additional information, refer to Application Note AND8003/D.
Table 6. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
3.6
−3.6
V
VINPP
Differential Input Voltage
|D − D|
VCC − VEE ≥ 2.8 V
VCC − VEE < 2.8 V
2.8
|VCC − VEE|
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
(Note 6)
0 lfpm
500 lfpm
41.6
35.2
°C/W
qJC
Thermal Resistance (Junction-to-Case)
2S2P (Note 6)
4.0
°C/W
Tsol
Wave Solder
Pb-Free
< 3 sec @ 260
°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
6. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Similar Part No. - NBSG53AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Similar Description - NBSG53AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com