Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5316G-2C Datasheet(PDF) 11 Page - Rohm

Part # BD5316G-2C
Description  Free Time Delay Setting CMOS Voltage Detector (Reset) IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5316G-2C Datasheet(HTML) 11 Page - Rohm

Back Button BD5316G-2C Datasheet HTML 7Page - Rohm BD5316G-2C Datasheet HTML 8Page - Rohm BD5316G-2C Datasheet HTML 9Page - Rohm BD5316G-2C Datasheet HTML 10Page - Rohm BD5316G-2C Datasheet HTML 11Page - Rohm BD5316G-2C Datasheet HTML 12Page - Rohm BD5316G-2C Datasheet HTML 13Page - Rohm BD5316G-2C Datasheet HTML 14Page - Rohm BD5316G-2C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/20
BD52xx-2C Series
BD53xx-2C Series
TSZ02201-0R7R0G300200-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.001
www.rohm.com
TSZ22111・15・001
0
10
20
30
40
50
60
70
0.0001
0.001
0.01
0.1
1
10
CT Pin Capacitance : C
CT (µF)
Figure 28. Output Delay Time (H~L)
Typical Performance Curves - continued
0
10
20
30
40
50
60
70
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature : Ta (
°C)
Figure 26. Output Delay Time (H~L)
0
10
20
30
40
50
60
70
80
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature : Ta (
°C)
Figure 25. Output Delay Time (L~H)
CCT=4.7nF
CCT=10nF
0.1
1
10
100
1000
10000
100000
0.0001
0.001
0.01
0.1
1
10
CT Pin Capacitance : C
CT (µF)
Figure 27. Output Delay Time (L~H)
Ta=125°C
Ta=105°C
Ta=25°C
Ta=-40°C


Similar Part No. - BD5316G-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5316 ROHM-BD5316 Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD5316-2M ROHM-BD5316-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
More results

Similar Description - BD5316G-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
BD52XXNVX-2C ROHM-BD52XXNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
09.Sep.2021 Rev.003
BD52XX-2M ROHM-BD52XX-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com