Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D70FCWFP-E2 Datasheet(PDF) 8 Page - Rohm

Part # D70FCWFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

D70FCWFP-E2 Datasheet(HTML) 8 Page - Rohm

Back Button D70FCWFP-E2 Datasheet HTML 4Page - Rohm D70FCWFP-E2 Datasheet HTML 5Page - Rohm D70FCWFP-E2 Datasheet HTML 6Page - Rohm D70FCWFP-E2 Datasheet HTML 7Page - Rohm D70FCWFP-E2 Datasheet HTML 8Page - Rohm D70FCWFP-E2 Datasheet HTML 9Page - Rohm D70FCWFP-E2 Datasheet HTML 10Page - Rohm D70FCWFP-E2 Datasheet HTML 11Page - Rohm D70FCWFP-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Datasheet
Datasheet
8/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings (Ta= 25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage *1
Vcc
-0.3 to +35.0
V
EN Voltage *2
VEN
-0.3 to +35.0
V
Operating Temperature Range
Ta
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
150
*
1 Do not exceed Tjmax.
*
2 Power Supply (Vcc) and EN pin startup sequence does not matter provided they are operated within the power supply voltage range.
●Operating Conditions (-25℃≦Ta≦+85℃)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (VO≧3.0V)
Vcc
VO+1
26.5
V
Supply Voltage (VO<3.0V)
Vcc
4.0
26.5
V
Startup Voltage (IO=0mA)
Vcc
-
3.8
V
EN Voltage (with shutdown SW)
VEN
0
26.5
V
Output Current
IO
0
1.0
A
Output Voltage *3 (BD00FC0)
VO
1.0
15.0
V
*
3 Please refer to Notes when using BD00FC0 at output voltage of 1.0V to 3.0V.
●Electrical Characteristics
Unless otherwise specified, Ta=25°C, Vcc=13.5V, IO=0mA, VEN=5.0V
The resistor between FB and OUT =56.7kΩ, FB and GND =10kΩ (BD00FC0)
Parameter
Symbol
Guaranteed Limit
Unit
Conditions
Min
Typ
Max
Circuit Current at shutdown mode
ISD
-
0
5
µA
Circuit Current
Icc
-
0.5
2.5
mA
Output Reference Voltage (BD00FC0)
VFB
0.742
0.750
0.758
V
IO =50mA
Output Voltage
(BD30/33/50FC0)
VO
VO×0.99
VO
VO×1.01
V
IO =200mA
Output Voltage
(BD60/70/80/90/J0/J2/J5FC0)
VO
VO×0.99
VO
VO×1.01
V
IO =500mA *4
Minimum dropout voltage
∆Vd
-
0.4
0.7
V
Vcc=4.0V
IO =500mA *
Minimum dropout voltage
(BD00/50/60/70/80/90/J0/J2/J5FC0)
∆Vd
-
0.3
0.5
V
Vcc= VO×0.95,
IO =500mA
Line Regulation
Reg.I
-
20
80
mV
Vcc=VO+1.0V→26.5V
Load Regulation
Reg.IO
-
VO×0.010
VO×0.020
V
IO =5mA→1A *4
EN High Voltage (with shutdown SW)
VEN(High)
2.0
-
-
V
ACTIVE MODE
EN Low Voltage (with shutdown SW)
VEN(Low)
-
-
0.8
V
OFF MODE
EN Bias Current
IEN
-
25
50
μA
*
4 In case of J0, J2 and J5, Vcc=Vo+4.5V
*
5 In case of Vo ≧ 4.0V


Similar Part No. - D70FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D70F3509 RENESAS-D70F3509 Datasheet
273Kb / 10P
   OS Timer
More results

Similar Description - D70FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com