Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V28A24C200BF2 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V28A24C200BF2
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A24C200BF2 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V28A24C200BF2 Datasheet HTML 4Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 5Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 6Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 7Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 8Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 9Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 10Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 11Page - Vicor Corporation V28A24C200BF2 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 10 of 12
02/2016
800 927.9474
28 V Input
Module 2
Module 1
Module N+1
+OUT
+S
SC
–S
–OUT
Load
+S
–S
+OUT
+S
SC
–S
–OUT
+OUT
+S
SC
–S
–OUT
Figure 11 — N+1 module array output connections.
The +Out and –Out power buses should be designed to
minimize and balance parasitic impedance from each
module output to the load.
The +Sense pins must be tied together to form a
+Sense bus. This must be Kelvin connected to +Out
at a single point. The –Sense pins should be tied
together to form a –Sense bus. This must be Kelvin
connected to –Out at a single point.
At the discretion of the power system designer,
a subset of all modules within an array may be
configured as slaves by connecting SC to –S.
OR’ing diodes may be inserted in series with the
+Out pins of each module to provide module
output fault tolerance.
The +Sense and -Sense leads should be routed in close
proximity to each other on the printed circuit board. If
wires are used to connect the converters on a PCB to
an external load, the Sense leads should be twisted
together to reduce noise pickup.
PARALLEL BUS OUTPUT
Designator
Description
Finish
Notes
(None)
Short
Tin/Lead
Requires in-board, mounting
L
Long
Tin/Lead
On-board mounting for 0.065" boards
S
Short ModuMate
Gold
SurfMate or in-board socket mounting
N
Long ModuMate
Gold
On-board socket mounting
F
Short RoHS
Gold
Select for RoHS compliant in-board solder, socket, or SurfMate mounting
G
Long RoHS
Gold
Select for RoHS compliant on-board solder or socket mounting
K
Extra Long RoHS
Gold
Select for RoHS compliance on-board mounting for thicker PCBs
(not intended for socket or Surfmate mounting)
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V48A12T500BN2 — Long ModuMate Pins
PIN STYLES*


Similar Part No. - V28A24C200BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A24C200BF2 VICOR-V28A24C200BF2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A24C200BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com