Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2362FV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU2362FV-E2
Description  Clock Generator for Audio/Video Equipment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2362FV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU2362FV-E2 Datasheet HTML 7Page - Rohm BU2362FV-E2 Datasheet HTML 8Page - Rohm BU2362FV-E2 Datasheet HTML 9Page - Rohm BU2362FV-E2 Datasheet HTML 10Page - Rohm BU2362FV-E2 Datasheet HTML 11Page - Rohm BU2362FV-E2 Datasheet HTML 12Page - Rohm BU2362FV-E2 Datasheet HTML 13Page - Rohm BU2362FV-E2 Datasheet HTML 14Page - Rohm BU2362FV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
BU2362FV
11/19
TSZ02201-0E3E0J500680-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
– continued
Figure 25. Period-
Jitter 1σ vs Temperature
(36.9MHz)
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.4V
VDD=3.3V
VDD=3.7V
Temperature : Ta [°C]
Figure 26. Period-Jitter MIN-MAX vs Temperature
(36.9MHz)
0
100
200
300
400
500
600
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.4V
VDD=3.3V
VDD=3.7V
Temperature : Ta [°C]
0
10
20
30
40
50
60
70
80
90
100
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.4V
VDD=3.3V
VDD=3.7V
Figure 28. Period-
Jitter 1σ vs Temperature
(22.6MHz)
Temperature : Ta [°C]
45
46
47
48
49
50
51
52
53
54
55
-25
0
25
50
75
100
Temperature:T[℃]
VDD=2.4V
VDD=3.3V
VDD=3.7V
Figure 27. Duty vs Temperature
(22.6MHz)
Temperature : Ta [°C]


Similar Part No. - BU2362FV-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

Similar Description - BU2362FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com