Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2360FV Datasheet(PDF) 2 Page - Rohm

Part # BU2360FV
Description  Clock Generator for Audio/Video Equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Datasheet(HTML) 2 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BU2360FV
2/18
TSZ02201-0E3E0J500670-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Pin Configuration
Pin Descriptions
Pin No.
Pin Name
Pin Function
1
VDD2
Power supply for 27MHz
2
VSS2
GND for 27MHz
3
CLK27M1
27.0000MHz Clock output terminal 1 (CL=40pF)
4
CLK27M2
27.0000MHz Clock output terminal 2 (CL=25pF)
5
AVDD
Power supply for Analog block
6
AVSS
GND for Analog block
7
XTALIN
Crystal input terminal
8
XTALOUT
Crystal output terminal
9
CLK512FS2
FSEL=OPEN:24.5760MHz, FSEL=L:22.5792MHz
10
CLK512FS1
FSEL=OPEN:24.5760MHz, FSEL=L:22.5792MHz
11
DVSS
GND for Digital block
12
DVDD
Power supply for Digital block
13
CLK33M2
33.8688MHz Clock output terminal 2
14
FSEL
PIN 9, 10 output selection (with pull-up)
OPEN:24.5760MHz(PIN 9, 10), L:22.5792MHz(PIN 9, 10)
15
CLK33M1
33.8688MHz Clock output terminal 1
16
OE
Output enable (with pull-up), OPEN: enable, L:disable
(Note) Basically, mount ICs to the printed circuit board for use.
(If the ICs are not mounted to the printed circuit board, the characteristics of ICs may not be fully demonstrated.)
Mount 0.1µF capacitors in the vicinity of the IC PINs between PIN 1 (VDD2) and PIN 2 (VSS2), PIN 5 (AVDD) and PIN 6 (AVSS), PIN 11 (DVSS) and PIN
12 (DVDD), respectively.
Depending on the conditions of the printed circuit board, mount an additional electrolytic capacitor between the power supply and GND terminal.
For EMI protection, it is effective to put ferrite beads in the origin of power to be supplied to the BU2360FV from the board or to insert a capacitor (of not
more than 1
), which bypasses high frequency desired, between the power supply and the GND.
FSEL
CLK512FS1 / 2
L
22.5792MHz
OPEN
24.5760MHz
1:VDD2
16:OE
2:VSS2
15:CLK33M1
3:CLK27M1
14:FSEL
4:CLK27M2
13:CLK33M2
5:AVDD
12:DVDD
6:AVSS
11:DVSS
7:XTALIN
10:CLK512FS1
8:XTALOUT
9:CLK512FS2
TOP VIEW


Similar Part No. - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

Similar Description - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com