Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2092F-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU2092F-E2
Description  4-input Serial-in / Parallel-out Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2092F-E2 Datasheet(HTML) 1 Page - Rohm

  BU2092F-E2 Datasheet HTML 1Page - Rohm BU2092F-E2 Datasheet HTML 2Page - Rohm BU2092F-E2 Datasheet HTML 3Page - Rohm BU2092F-E2 Datasheet HTML 4Page - Rohm BU2092F-E2 Datasheet HTML 5Page - Rohm BU2092F-E2 Datasheet HTML 6Page - Rohm BU2092F-E2 Datasheet HTML 7Page - Rohm BU2092F-E2 Datasheet HTML 8Page - Rohm BU2092F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
.
1/13
TSZ02201-0RHR1GZ00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・14・001
www.rohm.com
Serial-in / Parallel-out Driver Series
4-input Serial-in / Parallel-out Drivers
BU2092F BU2092FV
Description
BU2092F/BU2092FV are an open drain output driver.It
incorporates a built-in shift register and a latch circuit to
turn on a maximum of 12 output by a 4-line interface,
linked to a microcontroller.
An open drain output provides maximum 25mA current.
Features
LED can be driven directly
12bit parallel output
This product can be operated on low voltage
Pin Configurations
(Top View)
Key Specifications
Power supply voltage range:
2.7V to 5.5V
Output voltage:
0V to +25.0V
Operating temperature range:
-25℃ to +75℃
Package
W(Typ) x D(Typ) x H(Max)
SOP18
11.20mm x 7.80mm x 2.01mm
SSOP-B20
6.50mm x 6.40mm x 1.45mm
Block Diagrams
SOP18
BU2092F
SSOP-B20
BU2092FV
17
16
15
14
13
12
7
6
5
4
3
2
Q7
Q8
Q9
Q10
OE
Q2
Q1
Q0
LCK
CLOCK
DATA
Q11
1
VDD
18
VSS
11
8
Q6
Q3
10
9
Q5
Q4
SOP18
BU2092F
19
18
17
16
15
14
7
6
5
4
3
2
Q7
Q8
Q9
Q10
OE
Q2
Q1
Q0
LCK
CLOCK
DATA
Q11
1
VDD
20
VSS
13
8
N.C.
Q3
12
9
N.C.
Q4
11
10
Q6
Q5
(Top View)
SSOP-B20
BU2092FV
Controller
Shift
Register
12bit
Latch
Write Buffer
Q0~Q11
CLOCK
DATA
LCK
OE
Datasheet


Similar Part No. - BU2092F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2092F-E2 ROHM-BU2092F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Similar Description - BU2092F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com