Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2090FS-E2 Datasheet(PDF) 3 Page - Rohm

Part # BU2090FS-E2
Description  2-input Serial- in / Parallel- out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2090FS-E2 Datasheet(HTML) 3 Page - Rohm

  BU2090FS-E2 Datasheet HTML 1Page - Rohm BU2090FS-E2 Datasheet HTML 2Page - Rohm BU2090FS-E2 Datasheet HTML 3Page - Rohm BU2090FS-E2 Datasheet HTML 4Page - Rohm BU2090FS-E2 Datasheet HTML 5Page - Rohm BU2090FS-E2 Datasheet HTML 6Page - Rohm BU2090FS-E2 Datasheet HTML 7Page - Rohm BU2090FS-E2 Datasheet HTML 8Page - Rohm BU2090FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
.
3/12
BU2090F BU2090FS
TSZ02201-0RHR1GZ00110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
TSZ22111・15・001
www.rohm.com
Electrical Characteristics
DC Characteristics
(unless otherwise noted, VDD=5V, VSS=0V, TA =25℃)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Input High-level voltage
VIH
3.5
-
-
V
Input Low-level voltage
VIL
-
-
1.5
V
Output Low-level voltage
VOL
-
-
2.0
V
IOL=20mA
Input High-level current
IIH
-
-
2.0
μA
VIN=VDD
Input Low-level current
IIL
-
-
-2.0
μA
VIN=0
“H” output leak current
IOZH
-
-
10
μA
VO=25V
“L” output leak current
IOZL
-
-5.0
μA
VO=0V
Static dissipation current
IDD
-
-
5.0
μA
Timing Characteristics
(Unless otherwise noted, VDD=5V, VSS=0V, TA =25℃)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Minimum clock frequency
tW
500
-
-
ns
Data shift set up time
tSU
200
-
-
ns
Data shift hold time
tH
200
-
-
ns
Data latch set up time
tLSUH
50
-
-
ns
Data latch hold time
tLHH
250
-
-
ns
Data latch ”L”set up time
tLSUL
200
-
-
ns
Data latch ”L”hold time
tLHL
250
-
-
ns
Waveform of Timing Characteristics
Figure 1. Waveform of Timing Characteristics
10%
10%
10%
10%
90%
90%
90%
tW
tW
90%
90%
10%
10%
90%
90%
tLSUH
tLHH
tLSUL
tLHL
tH
tSU
CLOCK
DATA
VDD
VSS
VDD
VSS


Similar Part No. - BU2090FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2090FS-E2 ROHM-BU2090FS-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
More results

Similar Description - BU2090FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com