Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1CJA2MNVX-C Datasheet(PDF) 9 Page - Rohm

Part # BU1CJA2MNVX-C
Description  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1CJA2MNVX-C Datasheet(HTML) 9 Page - Rohm

Back Button BU1CJA2MNVX-C Datasheet HTML 5Page - Rohm BU1CJA2MNVX-C Datasheet HTML 6Page - Rohm BU1CJA2MNVX-C Datasheet HTML 7Page - Rohm BU1CJA2MNVX-C Datasheet HTML 8Page - Rohm BU1CJA2MNVX-C Datasheet HTML 9Page - Rohm BU1CJA2MNVX-C Datasheet HTML 10Page - Rohm BU1CJA2MNVX-C Datasheet HTML 11Page - Rohm BU1CJA2MNVX-C Datasheet HTML 12Page - Rohm BU1CJA2MNVX-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BUxxJA2MNVX-C series
9/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Reference data
BU33JA2MNVX-C
(Ta=25ºC unless otherwise specified.)
Figure 19. Load Response
Figure 20. Load Response
Figure 21. Load Response
Figure 22. Load Response
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
3.3
0
3.1
0
3.5
0
100
200
0
100
200
0
100
200
0
100
200
0
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
VIN=4.3V
VSTBY=1.5V
CO=0.47μF
IOUT=0mA→200mA
Ta=-40°C
Ta=25°C
Ta=125°C
Ta=-40°C
Ta=25°C
Ta=125°C
IOUT=200mA→0mA
IOUT=50mA→100mA
IOUT=100mA→50mA
Ta=-40°C
Ta=25°C
Ta=125°C
Ta=-40°C
Ta=25°C
Ta=125°C


Similar Part No. - BU1CJA2MNVX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1CTD2WNVX-XTL ROHM-BU1CTD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
BU1CTD3WG ROHM-BU1CTD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-GTR ROHM-BU1CTD3WG-GTR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-TR ROHM-BU1CTD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-XTR ROHM-BU1CTD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
More results

Similar Description - BU1CJA2MNVX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com