Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD42540FJ-CE2 Datasheet(PDF) 6 Page - Rohm

Part # BD42540FJ-CE2
Description  70 mA Output Voltage Tracker
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD42540FJ-CE2 Datasheet(HTML) 6 Page - Rohm

Back Button BD42540FJ-CE2 Datasheet HTML 2Page - Rohm BD42540FJ-CE2 Datasheet HTML 3Page - Rohm BD42540FJ-CE2 Datasheet HTML 4Page - Rohm BD42540FJ-CE2 Datasheet HTML 5Page - Rohm BD42540FJ-CE2 Datasheet HTML 6Page - Rohm BD42540FJ-CE2 Datasheet HTML 7Page - Rohm BD42540FJ-CE2 Datasheet HTML 8Page - Rohm BD42540FJ-CE2 Datasheet HTML 9Page - Rohm BD42540FJ-CE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/22
BD42540FJ-C
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ02201-0G7G0AN00570-1-2
2.Jun.2016 Rev.001
TSZ22111・15・001
Electrical Characteristics
(Unless otherwise specified, -40 °C
≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ / EN = 5 V, IO = 0 mA.
The Typical value is defined at Tj = 25 °C.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Circuit Current
ICC
-
40
80
μA
Io
≤ 70 mA
Output Voltage Tracking Accuracy
ΔVO
-10
-
10
mV
5.5V
≤ Vcc ≤ 26V,
0.1 mA
≤ IO ≤ 60 mA
VADJ / EN = 5V
-10
-
10
mV
5.5V
≤ Vcc ≤ 32V
0.1 mA
≤ IO ≤ 30 mA
VADJ / EN = 5V
Dropout Voltage
ΔVd
-
0.2
0.4
V
VCC = VO × 0.95 (= 4.75 V: Typ)
IO = 70 mA
Ripple Rejection
R.R.
-
80
-
dB
f = 120 Hz, ein = 1 Vrms
IO = 10 mA
Thermal Shut Down
TSD
-
175
-
°C
Tj at TSD ON
Electrical Characteristics (Output Control Function)
(Unless otherwise specified, -40 °C
≤ Tj ≤ +150 °C, VCC = 13.5 V, Io = 0 mA. The Typical value is defined at Tj = 25 °C.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Shutdown Current
Ishut
-
1
5
μA
VADJ / EN
≤ 0.4 V
Tj
≤ 125 °C
ADJ / EN ON Mode Voltage
VthH
2
-
16
V
Active Mode
ADJ / EN OFF Mode Voltage
VthL
0
-
0.4
V
Off Mode
ADJ / EN Bias Current
IADJ / EN
-
1
3
µA
VADJ / EN=5 V


Similar Part No. - BD42540FJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42500G-CTR ROHM-BD42500G-CTR Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results

Similar Description - BD42540FJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
   50 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Microchip Technology
MCP1790 MICROCHIP-MCP1790 Datasheet
1,012Kb / 34P
   70 mA, High Voltage Regulator
2008
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com