Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3538F Datasheet(PDF) 5 Page - Rohm

Part # BD3538F
Description  Termination Regulators for DDR-SDRAMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F Datasheet(HTML) 5 Page - Rohm

  BD3538F Datasheet HTML 1Page - Rohm BD3538F Datasheet HTML 2Page - Rohm BD3538F Datasheet HTML 3Page - Rohm BD3538F Datasheet HTML 4Page - Rohm BD3538F Datasheet HTML 5Page - Rohm BD3538F Datasheet HTML 6Page - Rohm BD3538F Datasheet HTML 7Page - Rohm BD3538F Datasheet HTML 8Page - Rohm BD3538F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/16
TSZ02201-0J2J0A900980-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
BD3538F
BD3538HFN
VVTT(20mV/Div)
IVTT(1A/Div)
10µsec/Div
VVTT(20mV/Div)
IVTT(1A/Div)
10µsec/Div
VVTT(20mV/Div)
IVTT(1A/Div)
10µsec/Div
VVTT(20mV/Div)
IVTT(1A/Div)
10µsec/Div
Typical Waveforms
Figure 1. DDR1
(-1A → +1A)
Figure 2. DDR1
(+1A → -1A)
Figure 3. DDR2
(-1A → +1A)
Figure 4. DDR2
(+1A → -1A)


Similar Part No. - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
   Regulator IC for Memory Termination
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results

Similar Description - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com