Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5311G-2CTR Datasheet(PDF) 2 Page - Rohm

Part # BD5311G-2CTR
Description  Free Time Delay Setting CMOS Voltage Detector (Reset) IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5311G-2CTR Datasheet(HTML) 2 Page - Rohm

  BD5311G-2CTR Datasheet HTML 1Page - Rohm BD5311G-2CTR Datasheet HTML 2Page - Rohm BD5311G-2CTR Datasheet HTML 3Page - Rohm BD5311G-2CTR Datasheet HTML 4Page - Rohm BD5311G-2CTR Datasheet HTML 5Page - Rohm BD5311G-2CTR Datasheet HTML 6Page - Rohm BD5311G-2CTR Datasheet HTML 7Page - Rohm BD5311G-2CTR Datasheet HTML 8Page - Rohm BD5311G-2CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/20
BD52xx-2C Series
BD53xx-2C Series
TSZ02201-0R7R0G300200-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.001
www.rohm.com
TSZ22111・15・001
Ordering Information
Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
5.0V
1Z
BD5250
90
BD5350
4.9V
1Y
BD5249
89
BD5349
4.8V
1X
BD5248
88
BD5348
4.7V
1W
BD5247
87
BD5347
4.6V
1V
BD5246
86
BD5346
4.5V
1U
BD5245
85
BD5345
4.4V
1T
BD5244
84
BD5344
4.3V
1S
BD5243
83
BD5343
4.2V
1R
BD5242
82
BD5342
4.1V
1Q
BD5241
81
BD5341
4.0V
1P
BD5240
80
BD5340
3.9V
1N
BD5239
79
BD5339
3.8V
08
BD5238
78
BD5338
3.7V
07
BD5237
77
BD5337
3.6V
06
BD5236
76
BD5336
3.5V
05
BD5235
75
BD5335
3.4V
04
BD5234
74
BD5334
3.3V
03
BD5233
73
BD5333
3.2V
02
BD5232
72
BD5332
3.1V
01
BD5231
71
BD5331
3.0V
5G
BD5230
70
BD5330
2.9V
Z9
BD5229
69
BD5329
2.8V
Z8
BD5228
68
BD5328
2.7V
Z7
BD5227
67
BD5327
2.6V
XS
BD5226
66
BD5326
2.5V
XR
BD5225
65
BD5325
2.4V
24
BD5224
64
BD5324
2.3V
23
BD5223
63
BD5323
2.2V
22
BD5222
62
BD5322
2.1V
21
BD5221
61
BD5321
2.0V
20
BD5220
60
BD5320
1.9V
19
BD5219
59
BD5319
1.8V
18
BD5218
58
BD5318
1.7V
17
BD5217
57
BD5317
1.6V
16
BD5216
56
BD5316
1.5V
15
BD5215
55
BD5315
1.4V
14
BD5214
54
BD5314
1.3V
13
BD5213
53
BD5313
1.2V
12
BD5212
52
BD5312
1.1V
11
BD5211
51
BD5311
1.0V
10
BD5210
5F
BD5310
0.9V
09
BD5209
5E
BD5309
Part
Output Type
Detection Voltage
Package
Product Rank
Packaging and forming
specification
Number
52 : Open Drain
09 : 0.9V
G : SSOP5
C : for Automotive
TR : Embossed tape and reel
53 : CMOS
0.1V step
50 : 5.0V
B
D
x
x
-
T
R
x
x
x
C
2


Similar Part No. - BD5311G-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5311 ROHM-BD5311 Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD5311-2M ROHM-BD5311-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
More results

Similar Description - BD5311G-2CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
BD52XXNVX-2C ROHM-BD52XXNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
09.Sep.2021 Rev.003
BD52XX-2M ROHM-BD52XX-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com