Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3531F-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD3531F-E2
Description  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD3531F-E2 Datasheet HTML 7Page - Rohm BD3531F-E2 Datasheet HTML 8Page - Rohm BD3531F-E2 Datasheet HTML 9Page - Rohm BD3531F-E2 Datasheet HTML 10Page - Rohm BD3531F-E2 Datasheet HTML 11Page - Rohm BD3531F-E2 Datasheet HTML 12Page - Rohm BD3531F-E2 Datasheet HTML 13Page - Rohm BD3531F-E2 Datasheet HTML 14Page - Rohm BD3531F-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
BD3531F
11/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
Operational Notes
– continued
12.
Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should
be avoided.
Figure 13. Example of monolithic IC structure
13.
Thermal Shutdown Circuit(TSD)
This IC has a built-in thermal shutdown circuit that prevents heat damage to the IC. Normal operation should always
be within the IC’s power dissipation rating. If however the rating is exceeded for a continued period, the junction
temperature (Tj) will exceed 175°C which will activate the TSD circuit that will turn OFF all output pins. When the Tj
falls below the TSD threshold, the circuits are automatically restored to normal operation.
Note that the TSD circuit operates in a situation that exceeds the absolute maximum ratings and therefore, under no
circumstances, should the TSD circuit be used in a set design or for any purpose other than protecting the IC from
heat damage.
14. Capacitor Across Output and GND
If a large capacitor is connected between the output pin and ground pin, current from the charged capacitor can flow
into the output pin and may destroy the IC when the VCC or IN pin is shorted to ground or pulled down to 0V. Use a
capacitor smaller than 1000µF between output and ground.
15. Output Capacitor
Do not fail to connect a output capacitor and resister to VREF output terminal for stabilization of output voltage. The
capacitor connected to VREF output terminal works as a loop gain phase compensator. Insufficient capacitance and
resister may cause an oscillation. It is recommended to use a low temperature coefficient 2.2
μF ceramic capacitor and
0.5Ω resister though it depends on ambient temperature and load conditions. It is therefore requested to carefully
check under the actual temperature and load conditions to be applied.
16. Output Capacitor
Do not fail to connect a capacitor to VTT output pin for stabilization of output voltage. This output capacitor works as a
loop gain phase compensator and an output voltage variation reducer in the event of sudden change in load.
Insufficient capacitance may cause an oscillation. And if the equivalent series resistance (ESR) of this capacitor is high,
the variation in output voltage increases in the event of sudden change in load. It is recommended to use a 220
μF
functional polymer capacitor, though it depends on ambient temperature and load conditions. Using a low ESR ceramic
capacitor may reduce a loop gain phase margin and cause an oscillation, which may be improved by connecting a
resistor in series with the capacitor. It is therefore requested to carefully check under the actual temperature and load
conditions to be applied.
N
N
P
+
P
N
N
P
+
P Substrate
GND
N
P
+
N
N
P
+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements


Similar Part No. - BD3531F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3531F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com