Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD87A34FVM-TR Datasheet(PDF) 11 Page - Rohm

Part # BD87A34FVM-TR
Description  Voltage Detector ICs with Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87A34FVM-TR Datasheet(HTML) 11 Page - Rohm

Back Button BD87A34FVM-TR Datasheet HTML 7Page - Rohm BD87A34FVM-TR Datasheet HTML 8Page - Rohm BD87A34FVM-TR Datasheet HTML 9Page - Rohm BD87A34FVM-TR Datasheet HTML 10Page - Rohm BD87A34FVM-TR Datasheet HTML 11Page - Rohm BD87A34FVM-TR Datasheet HTML 12Page - Rohm BD87A34FVM-TR Datasheet HTML 13Page - Rohm BD87A34FVM-TR Datasheet HTML 14Page - Rohm BD87A34FVM-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
Operational Notes – continued
11.
Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should
be avoided.
Figure 18. Example of monolithic IC structure
12.
Applications or inspection processes with modes where the potentials of the VDD pin and other pins may be reversed
from their normal states may cause damage to the IC’s internal circuitry or elements. Use an output pin capacitance
of 1000 µF or lower in case VDD is shorted with the GND pin while the external capacitor is charged. It is
recommended to insert a diode for preventing back current flow in series with VDD or bypass diodes between VDD
and each pin.
Figure 19.
13.
When VDD falls below the operating marginal voltage, output will be open. When output is being pulled up to input,
output will be equivalent to VDD.
14.
Regarding the CLK and INH pins
The CLK and INH pins comprise inverter gates and should not be left open. (These pins should be either pulled up or
down.) Input to the CLK pin is detected using a positive edge trigger and does not affect the CLK signal duty. Input
the trigger to the CLK pin within the tWH time.
Bypass diode
VDD
Back current prevention diode
Pin
N
N
P
+
P
N
N
P
+
P Substrate
GND
N
P
+
N
N
P
+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements
11/15
TSZ02201-0G1G0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
05.Sep.2014 Rev.003
www.rohm.com
TSZ22111・15・001


Similar Part No. - BD87A34FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD87A34FVM-TR ROHM-BD87A34FVM-TR Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results

Similar Description - BD87A34FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com