Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAC260302FCV1R0XTMA1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTAC260302FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTAC260302FCV1R0XTMA1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTAC260302FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTAC260302FCV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PTAC260302FC
Data Sheet
2 of 9
Rev. 04, 2016-06-21
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1
µA
VDS = 63 V, VGS = 0 V
IDSS
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1
µA
On-State Resistance
(main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.8
W
(peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.6
W
Operating Gate Voltage (main)
VDS = 28 V, IDQ = 0.085 A
VGS
2
2.7
3.5
V
(peak)
VDS = 28 V, IDQ = 0 A
VGS
0.4
1.1
1.8
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance
(main)
(TCASE 70°C, 30 W CW)
RqJC
1.5
°C/W
(peak)
(TCASE 70°C, 30 W CW)
RqJC
1.7
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PTAC260302FC V1 R0
PTAC260302FCV1R0XTMA1
H-37248H-4, Ceramic open-cavity, earless
Tape & Reel, 50 pcs
PTAC260302FC V1 R250
PTAC260302FCV1R250XTMA1
H-37248H-4, Ceramic open-cavity, earless
Tape & Reel, 250 pcs


Similar Part No. - PTAC260302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTAC260302FC CREE-PTAC260302FC Datasheet
636Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 28 V, 2620 ??2690 MHz
More results

Similar Description - PTAC260302FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com