Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KW180CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 20KW180CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

20KW180CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  20KW180CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 20KW180CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 20KW180CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12/9/2013
20000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT) mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
20KW20A
20KW20CA
20.00
22.34
50
36.8
548.9
5000
20KW24A
20KW24CA
24.00
26.81
50
41.2
490.3
5000
20KW26A
20KW26CA
26.00
29.04
50
44.7
451.9
2000
20KW28A
20KW28CA
28.00
31.28
50
48.0
420.8
1000
20KW30A
20KW30CA
30.00
33.51
5
51.5
392.2
250
20KW32A
20KW32CA
32.00
35.74
5
54.3
372.0
150
20KW34A
20KW34CA
34.00
38.00
5
57.5
351.3
50
20KW36A
20KW36CA
36.00
40.20
5
61.5
328.5
20
20KW40A
20KW40CA
40.00
44.70
5
67.8
297.9
15
20KW44A
20KW44CA
44.00
49.10
5
72.7
277.9
10
20KW48A
20KW48CA
48.00
53.60
5
79.4
254.4
10
20KW52A
20KW52CA
52.00
58.10
5
85.8
235.4
10
20KW56A
20KW56CA
56.00
62.60
5
92.6
218.1
10
20KW60A
20KW60CA
60.00
67.00
5
97.6
207.0
10
20KW64A
20KW64CA
64.00
71.50
5
104.0
194.2
10
20KW68A
20KW68CA
68.00
76.00
5
110.0
183.6
10
20KW72A
20KW72CA
72.00
80.40
5
116.0
174.1
10
20KW80A
20KW80CA
80.00
89.40
5
130.0
155.4
10
20KW88A
20KW88CA
88.00
98.30
5
142.0
142.3
10
20KW96A
20KW96CA
96.00
107.20
5
155.0
130.3
10
20KW104A
20KW104CA
104.00
116.20
5
168.0
120.2
10
20KW112A
20KW112CA
112.00
125.10
5
182.0
111.0
10
20KW120A
20KW120CA
120.00
134.00
5
194.0
104.1
10
20KW132A
20KW132CA
132.00
147.40
5
213.0
94.8
10
20KW144A
20KW144CA
144.00
160.80
5
232.0
87.1
10
20KW160A
20KW160CA
160.00
178.70
5
258.0
78.3
10
20KW172A
20KW172CA
172.00
192.10
5
277.0
72.9
10
20KW180A
20KW180CA
180.00
201.10
5
291.0
69.4
10
20KW192A
20KW192CA
192.00
214.50
5
309.0
65.4
10
20KW204A
20KW204CA
204.00
227.90
5
329.0
61.4
10
20KW216A
20KW216CA
216.00
241.30
5
348.0
58.0
10
20KW232A
20KW232CA
232.00
259.10
5
374.0
54.0
10
20KW240A
20KW240CA
240.00
268.10
5
387.0
52.2
10
20KW256A
20KW256CA
256.00
286.00
5
412.0
49.0
10
20KW280A
20KW280CA
280.00
312.80
5
451.0
44.6
10
20KW300A
20KW300CA
300.00
335.10
5
483.0
41.8
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 20KW180CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
20KW180CA MDE-20KW180CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 20KW180CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com