Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3904 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS3904
Description  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3904 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS3904 Datasheet HTML 3Page - Dallas Semiconductor DS3904 Datasheet HTML 4Page - Dallas Semiconductor DS3904 Datasheet HTML 5Page - Dallas Semiconductor DS3904 Datasheet HTML 6Page - Dallas Semiconductor DS3904 Datasheet HTML 7Page - Dallas Semiconductor DS3904 Datasheet HTML 8Page - Dallas Semiconductor DS3904 Datasheet HTML 9Page - Dallas Semiconductor DS3904 Datasheet HTML 10Page - Dallas Semiconductor DS3904 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________________________________
7
Detailed Description
The DS3904/DS3905 contain three, 128-position, NV,
low temperature coefficient, variable digital resistors.
They are controlled through a 2-wire serial interface,
and can serve as a low-cost replacement for designs
using conventional trimming resistors. Furthermore, the
DS3904 address pin (A0) allows two DS3904s to be
placed on the same 2-wire bus. The three address pins
on the DS3905 allow up to eight DS3905s to be placed
on the same 2-wire bus.
With their low cost and small size, the DS3904/DS3905
are well tailored to replace larger mechanical trimming
variable resistors. This allows the automation of calibra-
tion in many instances because the 2-wire interface can
easily be adjusted by test/production equipment.
Variable Resistor Memory Organization
The variable resistors of the DS3904/DS3905 are
addressed by communicating with the registers in
Table 1.
Using the Resistor as a Switch
By taking advantage of the high-impedance mode, a
switch can be created to produce a digital output.
Setting a resistor register to 00h creates the low state.
Writing 80h into the same resistor register enables the
high-impedance state. When used with an external
pullup resistor, such as a 4.7k
Ω pullup, a high state
is generated.
Device Operation
Clock and Data Transitions
The SDA pin is normally pulled high with an external
resistor or device. Data on the SDA pin can only change
during SCL low time periods. Data changes during SCL
high periods indicate a start or stop condition depend-
ing on the conditions discussed below. See the timing
diagrams for further details (Figures 2 and 3).
Start Condition
A high-to-low transition of SDA with SCL high is a start
condition, which must precede any other command. See
the timing diagrams for further details (Figures 2 and 3).
Stop Condition
A low-to-high transition of SDA with SCL high is a stop
condition. After a read or write sequence, the stop com-
mand places the DS3904/DS3905 into a low-power
mode. See the timing diagrams for further details
(Figures 2 and 3).
Acknowledge
All address and data bytes are transmitted through a
serial protocol. The DS3904/DS3905 pull the SDA line
low during the ninth clock pulse to acknowledge that
they have received each byte.
Standby Mode
The DS3904/DS3905 feature a low-power mode that is
automatically enabled after power-on, after a stop com-
mand, and after the completion of all internal operations.
Pin Description
PIN
NAME
DS3904
DS3905
DESCRIPTION
SDA
12
2-Wire Serial Data. Open-drain
input/output for 2-wire data.
SCL
23
2-Wire Serial Clock. Input for
2-wire clock.
VCC
3
4
Supply Voltage Terminal
GND
4
5
Ground Terminal
H2
5
6
Resistor 2 High Terminals
H1
6
7
Resistor 1 High Terminals
H0
7
8
Resistor 0 High Terminals
A0
8
9
Address-Select Pin
A1
1
Address-Select Pin (DS3905 Only)
A2
10
Address-Select Pin (DS3905 Only)
Table 1. Variable Resistor Registers
ADDRESS
VARIABLE
RESISTOR
POSITION 7Fh
RESISTANCE
NUMBER OF
POSITIONS*
F8h
Resistor 0
20k
(nominal)
128 (00h to
7Fh) + Hi-Z
F9h
Resistor 1
20k
(nominal)
128 (00h to
7Fh) + Hi-Z
FAh
Resistor 2
20k
(nominal)
128 (00h to
7Fh) + Hi-Z
*Writing a value greater than 7Fh to any of the resistor registers
sets the high-impedance mode control bit (RHIZ, the MSB of
the resistor register) resulting in the resistor going into high-
impedance mode. Position 0 is the minimum position. Position
127 is the maximum position.


Similar Part No. - DS3904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-010 MAXIM-DS3904U-010 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-020 MAXIM-DS3904U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

Similar Description - DS3904

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com