Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KW43CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 15KW43CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

15KW43CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  15KW43CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 15KW43CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 15KW43CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12/9/2013
15000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT IPP
(A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
15KW17A
15KW17CA
17
18.99
50
29.3
515.4
5000
15KW18A
15KW18CA
18
20.11
50
30.9
488.7
5000
15KW20A
15KW20CA
20
22.34
20
34.3
440.2
1500
15KW22A
15KW22CA
22
24.57
10
37.1
407.0
500
15KW24A
15KW24CA
24
26.81
5
40.7
371.0
150
15KW26A
15KW26CA
26
29.04
5
44.0
343.2
50
15KW28A
15KW28CA
28
31.28
5
47.5
317.9
25
15KW30A
15KW30CA
30
33.51
5
50.7
297.8
15
15KW33A
15KW33CA
33
36.90
5
54.7
276.1
5
15KW36A
15KW36CA
36
40.20
5
59.8
252.5
5
15KW40A
15KW40CA
40
44.70
5
65.8
229.5
5
15KW43A
15KW43CA
43
48.00
5
69.8
216.3
5
15KW45A
15KW45CA
45
50.30
5
72.8
207.4
5
15KW48A
15KW48CA
48
53.60
5
77.7
194.3
5
15KW51A
15KW51CA
51
57.00
5
82.8
182.1
5
15KW54A
15KW54CA
54
60.30
5
87.7
172.2
5
15KW58A
15KW58CA
58
64.80
5
93.8
161.0
5
15KW60A
15KW60CA
60
67.00
5
97.4
155.0
5
15KW64A
15KW64CA
64
71.50
5
104.2
144.9
5
15KW70A
15KW70CA
70
78.20
5
113.6
132.9
5
15KW75A
15KW75CA
75
83.80
5
122.0
123.8
5
15KW78A
15KW78CA
78
87.10
5
126.1
119.7
5
15KW85A
15KW85CA
85
94.90
5
137.6
109.7
5
15KW90A
15KW90CA
90
100.50
5
145.6
103.7
5
15KW100A 15KW100CA
100
111.70
5
161.3
93.6
5
15KW110A 15KW110CA
110
122.90
5
178.6
84.5
5
15KW120A 15KW120CA
120
134.00
5
192.3
78.5
5
15KW130A 15KW130CA
130
145.20
5
208.3
72.5
5
15KW150A 15KW150CA
150
167.60
5
241.9
62.4
5
15KW160A 15KW160CA
160
178.70
5
258.6
58.4
5
15KW170A 15KW170CA
170
189.90
5
272.7
55.4
5
15KW180A 15KW180CA
180
201.10
5
288.5
52.3
5
15KW200A 15KW200CA
200
223.40
5
319.1
47.3
5
15KW220A 15KW220CA
220
245.70
5
356.0
42.0
5
15KW240A 15KW240CA
240
268.10
5
384.6
39.3
5
15KW260A 15KW260CA
260
290.40
5
416.7
36.2
5
15KW280A 15KW280CA
280
312.80
5
454.5
33.2
5
BLANK INDICATES UNIPOLAR DEVICE ±10% ON VBR
A INDICATES UNIPOLARDEVICE ±5% ON VBR
C INDICATES BIPOLAR DEVICE ±10% ON VBR
CA INDICATES BIPOLAR DEVICE ±5% ON VBR
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - 15KW43CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
15KW43CA MDE-15KW43CA Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KW43CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com