Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA080551EV4R250XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA080551EV4R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA080551EV4R250XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA080551EV4R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFA080551EV4R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
5 of 11
Rev. 04.1, 2016-06-16
PTFA080551E
PTFA080551F
Confidential, Limited Internal Distribution
Bias Voltage vs. Temperature
Voltage normalized to typical gate voltage,
series show current
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
0
20
40
60
80
100
Case Temperature (°C)
0.778 A
1.55 A
3.11 A
3.88 A
4.66 A
5.44 A
6.22 A
7.00 A
IS-95 CDMA Performance
VDD = 28 V, IDQ = 450 mA, ƒ = 960 MHz
0
5
10
15
20
25
30
35
40
45
29
31
33
35
37
39
41
43
Output Power, Avg. (dBm)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Efficiency
ACPR FC + 1.98 MHz
ACP FC – 0.75 MHz
TCASE = 25°C
TCASE = 90°C
Output Power (P–1dB) vs. Drain Voltage
IDQ = 600 mA, ƒ = 960 MHz
45
46
47
48
49
50
51
24
26
28
30
32
Drain Voltage (V)
Typical Performance (cont.)


Similar Part No. - PTFA080551EV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
More results

Similar Description - PTFA080551EV4R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com