Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA080551E Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFA080551E
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA080551E Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFA080551E Datasheet HTML 2Page - Infineon Technologies AG PTFA080551E Datasheet HTML 3Page - Infineon Technologies AG PTFA080551E Datasheet HTML 4Page - Infineon Technologies AG PTFA080551E Datasheet HTML 5Page - Infineon Technologies AG PTFA080551E Datasheet HTML 6Page - Infineon Technologies AG PTFA080551E Datasheet HTML 7Page - Infineon Technologies AG PTFA080551E Datasheet HTML 8Page - Infineon Technologies AG PTFA080551E Datasheet HTML 9Page - Infineon Technologies AG PTFA080551E Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6 of 11
Rev. 04.1, 2016-06-16
PTFA080551E
PTFA080551F
Confidential, Limited Internal Distribution
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
869
8.91
–10.93
7.42
–1.63
880
3.72
–8.28
4.65
–1.74
894
5.93
–5.43
4.61
0.16
920
4.87
–7.16
4.88
–0.59
960
6.05
–5.57
4.89
0.86
See next page for circuit information


Similar Part No. - PTFA080551E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
More results

Similar Description - PTFA080551E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com