Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA180701FV4R250 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA180701FV4R250
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA180701FV4R250 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFA180701FV4R250 Datasheet HTML 3Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 4Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 5Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 6Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 7Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 8Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 9Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 10Page - Infineon Technologies AG PTFA180701FV4R250 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PTFA180701E
PTFA180701F
Data Sheet
7 of 11
Rev. 03.2, 2016-06-21
RF_IN
RF_OUT
R3
2K V
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3KV
QQ1
LM7805
C1
0.001µF
R5
10 V
R4
2K V
R1
1.2KV
C8
10pF
l
1
l
6
R8
10 V
DUT
C6
0.01µF
C5
0.1µF
C4
10µF
35V
C7
10pF
R7
1KV
R6
1K V
C9
10pF
C10
1µF
C11
100µF
50V
C12
1.2pF
C13
10pF
l
2
l
3
l
4
l
5
l
8
l
9
l
13
l
14
l
15
l
7
l
12
l
10
l
11
VDD
Reference Circuit
Reference circuit schematic for 1840 MHz
Circuit Assembly Information
DUT
PTFA180701E or PTFA180701F
LDMOS Transistor
PCB
0.76 mm [.030"],
εr = 3.48
Rogers, RO4350
1 oz. copper
Microstrip
Electrical Characteristics at 1840 MHz1 Dimensions: L x W ( mm)
Dimensions: L x W (in.)
l
1
0.034
λ, 50.0
3.33 x 1.70
0.131 x 0.067
l
2
0.149
λ, 50.0
14.68 x 1.70
0.578 x 0.067
l
3
0.014
λ, 10.2
1.27 x 13.28
0.050 x 0.523
l
4
0.044
λ, 7.1
3.86 x 19.61
0.152 x 0.772
l
5
0.014
λ, 7.1
1.27 x 19.61
0.050 x 0.772
l
6
0.012
λ, 78.0
1.22 x 0.74
0.048 x 0.029
l
7
0.115
λ, 65.0
11.51 x 1.07
0.453 x 0.042
l
8
0.016
λ, 8.9
1.37 x 15.34
0.054 x 0.604
l
9
0.090
λ, 8.9
8.13 x 15.34
0.320 x 0.604
l
10, l11
0.020
λ, 21.8
1.91 x 5.36
0.075 x 0.211
l
12
0.162
λ, 64.0
16.18 x 1.12
0.637 x 0.044
l
13
0.042
λ, 50.0
4.11 x 1.70
0.162 x 0.067
l
14
0.074
λ, 50.0
7.29 x 1.70
0.287 x 0.067
l
15
0.032
λ, 50.0
3.12 x 1.70
0.123 x 0.067
1Electrical characteristics are rounded


Similar Part No. - PTFA180701FV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA180701F INFINEON-PTFA180701F Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
More results

Similar Description - PTFA180701FV4R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com