Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA091201FV4R0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFA091201FV4R0
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA091201FV4R0 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFA091201FV4R0 Datasheet HTML 2Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 3Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 4Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 5Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 6Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 7Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 8Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 9Page - Infineon Technologies AG PTFA091201FV4R0 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6 of 10
Rev. 03.1, 2016-06-21
PTFA091201E
PTFA091201F
Confidential, Limited Internal Distribution
VDD
R3
2KV
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
C1
0.001µF
VDD
R5
5.1K V
R4
2KV
R1
1.2K V
l1
R8
10 V
DUT
RF_IN
l5
C7
0.1µF
C5
0.1µF
C4
10µF
35V
C8
0.01µF
C9
33pF
C10
33pF
R6
10 V
C12
7.5pF
C11
1.2pF
C13
0.7pF
l2
l3
l4
l8
l6
l7
C19
33pF
R7
5.1K V
C6
33pF
C24
1.0pF
C25
1.0pF
C27
33pF
L1
C14
33pF
C15
1µF
C16
10µF
50V
C18
10µF
50V
C26
2.4pF
C28
0.5pF
C17
0.1µF
L2
l9
l10
l11
l12
l13
C20
1µF
C21
10µF
50V
C22
0.1µF
C23
10µF
50V
RF_OUT
Reference Circuit
Reference circuit schematic for ƒ = 960 MHz
Circuit Assembly Information
DUT
PTFA091201E or PTFA091201F
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 4.5
Rogers TMM4
2 oz. copper
Microstrip
Electrical Characteristics at 960 MHz1
Dimensions: L x W ( mm) Dimensions: L x W (in.)
l1
0.072
λ, 50.0 Ω
12.27 x 1.40
0.483 x 0.055
l2
0.115
λ, 50.0 Ω
19.53 x 1.40
0.769 x 0.055
l3
0.029
λ, 50.0 Ω
5.08 x 1.40
0.200 x 0.055
l4
0.062
λ, 7.5 Ω
9.53 x 16.15
0.375 x 0.636
l5
0.149
λ, 70.0 Ω
26.31 x 0.71
1.036 x 0.028
l6, l7
0.122
λ, 55.0 Ω
20.96 x 1.17
0.825 x 0.046
l8
0.027
λ, 7.9 Ω
4.06 x 15.24
0.160 x 0.600
l9
0.103
λ, 7.9 Ω
15.75 x 15.24
0.620 x 0.600
l10
0.072
λ, 7.9 Ω
11.02 x 15.24
0.434 x 0.600
l11
0.155
λ, 38.0 Ω
25.78 x 2.13
1.015 x 0.084
l12
0.013
λ, 50.0 Ω
2.24 x 1.40
0.088 x 0.055
l13
0.015
λ, 50.0 Ω
2.59 x 1.40
0.102 x 0.055
1Electrical characteristics are rounded.


Similar Part No. - PTFA091201FV4R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091201F INFINEON-PTFA091201F Datasheet
272Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 120 W, 920 ??960 MHz
Rev. 03, 2007-11-19
More results

Similar Description - PTFA091201FV4R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com