Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB092707FHV1R0XTMA1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFB092707FHV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB092707FHV1R0XTMA1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFB092707FHV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB092707FHV1R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PTFB092707FH
Data Sheet
8 of 10
Rev. 03.1, 2016-06-10
Reference Circuit (cont.)
Lead connections for PTFB092707FH
Pinout Diagram (top view)
Assembly Information (cont.)
Component
Description
Suggested Manufacturer
P/N
S1
Transistor
Fairchild Semiconductor
BCP56-10
S2
Potentiometer, 2k
W
Bourns Inc.
3224W-1-202E
S3
Voltage regulator
Fairchild Semiconductor
LM7805
Output
C201, C212
Chip capacitor, 10 µF
Matsuo
281M5002106K
C202
Chip capacitor, 2.2 pF
ATC
ATC100B2R2CW
C203, C213
Ceramic capacitor, 1 µF, 250 V
AVX Corporation
2225PC105KAT1A
C204, C205, C214, C215
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C206
Chip capacitor, 4.2 pF
ATC
ATC100B4R2CT
C207
Chip capacitor, 56 pF
ATC
ATC100B560JT
C208
Chip capacitor, 3.3 pF
ATC
ATC100B3R3CW
C209, C216, C217, C218
Ceramic capacitor, 4.7 µF, 50 V
Murata Electronics North America
GRM32ER71H475KA88L
C210, C211
Capacitor, 10k pF
ATC
ATC200B103MW50X
G
D
S
V
V
h - 3 7 2 8 8 L - 4 / 2 _ p d _ 3 - 2 7 - 2 0 1 4
Pin
Description
D
Drain
G
Gate
S (flange)
Source
V
Supply voltage, VDD


Similar Part No. - PTFB092707FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB092707FH CREE-PTFB092707FH Datasheet
556Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 925 ??960 MHz
More results

Similar Description - PTFB092707FHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com