Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS320MOV Datasheet(PDF) 5 Page - MDE Semiconductor, Inc.

Part # SS320MOV
Description  High Energy Thermally Protected SSMOV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SS320MOV Datasheet(HTML) 5 Page - MDE Semiconductor, Inc.

  SS320MOV Datasheet HTML 1Page - MDE Semiconductor, Inc. SS320MOV Datasheet HTML 2Page - MDE Semiconductor, Inc. SS320MOV Datasheet HTML 3Page - MDE Semiconductor, Inc. SS320MOV Datasheet HTML 4Page - MDE Semiconductor, Inc. SS320MOV Datasheet HTML 5Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
11/13/2013
Components in a 4 DIN Rail Enclosure for 3 Phase Applications
Continuous MCOV
Max Peak
Current
Test
Current
Rating
Energy
(2ms)
Varistor Voltage
Max Clamping
Voltage
Type
Vrms (V)
Vdc (V)
Imax (kA)
In (kA)
VPR ratin WTM (J)
V1mA (V)
∆V1mA
(%)
VC (V)
Ip (A)
D4-SS150DIN
150
200
50
20
600
360
240
±10
395
300
D4-SS180DIN
180
225
50
20
600
390
270
±10
455
300
D4-SS250DIN
250
320
50
20
900
490
390
±10
650
300
D4-SS275DIN
275
350
50
20
900
550
430
±10
710
300
D4-SS320DIN
320
415
50
20
1200
640
510
±10
850
300
D4-SS420DIN
420
560
50
20
1500
910
680
±10
1120
300
D4-SS550DIN
550
745
50
20
1500
960
910
±10
1500
300
Dry Contact
Form C Summary
Dimensions in mm
Each Pole has an indicator
Typical D4-SSxxxDIN Product Layout
Green is Operational
3 Phase DIN Component Assembly
Red is Replace
35 mm DIN rail
Operating Characteristics – All DIN Products
Operating Tempature
-40
°C to +85°C
Storage Tempature
-40
°C to +100°C
Dielectric withstand
≥ 2500V (AC)
Insulation Resistance
≥ 10 Mohm
Response Time
≤ 25nS


Similar Part No. - SS320MOV

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS320 DGNJDZ-SS320 Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS320 TSC-SS320 Datasheet
134Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SS320 BYTESONIC-SS320 Datasheet
537Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS320 DGNJDZ-SS320 Datasheet
220Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
SS320 RFE-SS320 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
More results

Similar Description - SS320MOV

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com