Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDE-34S241K Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MDE-34S241K
Description  Metal Oxide Varistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MDE-34S241K Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MDE-34S241K Datasheet HTML 1Page - MDE Semiconductor, Inc. MDE-34S241K Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Energy S Series 34mm Disc
Varistor
Voltage
Max.
Energy
(J)
Typical
Capacitance
(Reference)
V@1mA
(v)
ACrms
(v)
DC
(v)
Vc
(v)
Ip
(A)
(J)
1 time
(A)
2 times
(A)
1kHz
(pF)
T max
(mm)
L ±0.10
(mm)
MDE-34S201K
200 (185-225)
130
175
340
300
310
40000
30000
10000
6.80
4.90
MDE-34S221K
220 (198-242)
140
180
360
300
330
40000
30000
9000
6.80
4.90
MDE-34S241K
240 (216-264)
150
200
395
300
360
40000
30000
8000
7.00
5.10
MDE-34S271K
270 (243-297)
175
225
455
300
390
40000
30000
7100
7.10
5.20
MDE-34S301K
300 (270-330)
195
250
500
300
405
40000
30000
6000
7.30
5.40
MDE-34S331K
330 (297-363)
210
275
545
300
430
40000
30000
4800
7.50
5.60
MDE-34S361K
360 (324-396)
230
300
595
300
460
40000
30000
5600
7.70
5.80
MDE-34S391K
390 (351-429)
250
330
650
300
490
40000
30000
5000
7.90
6.00
MDE-34S431K
430 (387-473)
275
370
710
300
550
40000
30000
4500
8.10
6.20
MDE-34S471K
470 (423-517)
300
385
775
300
600
40000
30000
4000
8.40
6.50
MDE-34S511K
510 (459-561)
320
420
845
300
640
40000
30000
3800
8.70
6.80
MDE-34S561K
560 (504-616)
360
470
925
300
710
40000
30000
3600
9.00
7.10
MDE-34S621K
620 (558-682)
390
505
1025
300
800
40000
30000
3300
9.40
7.50
MDE-34S681K
680 (612-748)
420
560
1120
300
910
40000
30000
3000
9.80
7.90
MDE-34S751K
750 (675-825)
460
615
1240
300
920
40000
30000
2800
10.00
8.00
MDE-34S781K
780 (702-858)
485
640
1290
300
930
40000
30000
2700
10.20
8.30
MDE-34S821K
820 (738-902)
510
675
1355
300
940
40000
30000
2500
10.70
8.80
MDE-34S911K
910 (819-1001)
550
745
1500
300
960
40000
30000
1800
10.90
9.00
MDE-34S951K
950 (855-1045)
575
765
1570
300
1000
40000
30000
1700
11.20
9.30
MDE-34S102K
1000 (900-1100)
625
825
1650
300
1050
40000
30000
1600
11.70
9.80
MDE-34S112K
1100 (990-1210)
680
895
1815
300
1150
40000
30000
1550
12.80
10.90
MDE-34S122K 1200 (1080-1320)
750
980
1980
300
1200
40000
30000
1500
13.80
11.90
MDE-34S162K 1600 (1414-1728)
1000
1200
2700
300
1600
40000
30000
1400
14.00
12.50
MDE-34S182K 1800 (1620-1980)
1100
1400
3250
300
1800
40000
30000
1300
14.90
13.00
Max Peak
Current
(8/20 µ S)
Max Clamping
Voltage
(8/20 µ S)
Dimensions
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
Maximum
Allowable
Voltage
PART
NUMBER
6/23/2016


Similar Part No. - MDE-34S241K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S241K MDE-MDE-34S241K Datasheet
124Kb / 1P
   Metal Oxide Varistors
MDE-34S241KBD-50 MDE-MDE-34S241KBD-50 Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-34S241KBD-50 MDE-MDE-34S241KBD-50 Datasheet
105Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - MDE-34S241K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com