Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24B48C150BL2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V24B48C150BL2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24B48C150BL2 Datasheet(HTML) 1 Page - Vicor Corporation

  V24B48C150BL2 Datasheet HTML 1Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 2Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 3Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 4Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 5Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 6Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 7Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 8Page - Vicor Corporation V24B48C150BL2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
24V Input
Mini Family
DC-DC Converter Module
24V Mini Family
Rev 4.9
vicorpower.com
Page 1 of 15
01/2016
800 927.9474
S
NRTL
CUS
C
US
®
Actual size:
2.28 x 2.2 x 0.5in
57,9 x 55,9 x 12,7mm
Features & Benefits
DC input range: 18 – 36V
Isolated output
Operation to 16V at 75% power
after startup
Input surge withstand: 50V for 100ms
DC output: 3.3 – 48V
Programmable output: 10 to 110%
Regulation: ±0.5% no load to full load
Efficiency: Up to 89%
Maximum operating temp: 100°C,
full load
Power density: up to 80 W per cubic inch
Height above board: 0.43in. (10,9mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use advanced
power processing, control and packaging tech-
nologies to provide the performance, flexibility,
reliability and cost effectiveness of a mature
power component.
High frequency ZCS/ZVS switching provides
high power density with low noise and
high efficiency.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +53
VDC
PC to –In voltage
-0.5 to +7.0
VDC
PR to –In voltage
-0.5 to +7.0
VDC
SC to -Out voltage
-0.5 to +1.5
VDC
-Sense to -Out voltage
1.0
VDC
Isolation voltage
in to out
3000
VRMS
Test voltage
in to base
1500
VRMS
Test voltage
out to base
500
VRMS
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Output Power
VOUT
POUT
3.3V
100W, 150W
5V
150W, 200W
6.5V
200W
8V
200W
12V
150W, 200W, 250W
15V
150W, 200W
24V
150W, 200W, 250W
28V
150W, 200W, 250W
36 V
150W, 200W
48 V
150W, 200W, 250W
Part Numbering
e.g. V24B12T200BL2
Absolute Maximum Ratings
24B
B
Applications
Industrial and process control, distributed power, medical, ATE, communications, defense,
and aerospace.
For details on proper operation please refer to the:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.
Output Voltage
3V3 = 3.3V
5 = 5V
6.5 = 6.5V
8
= 8V
12
= 12V
15
= 15V
24
= 24V
28
= 28V
36
= 36V
48
= 48V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
= - 10 to +100 - 20 to +125
C
= - 20 to +100 - 40 to +125
T
= - 40 to +100 - 40 to +125
H
= - 40 to +100 - 55 to +125
M = - 55 to +100 - 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Product Type
V = Standard
S = Enhanced
efficiency
(avail. ≤12
Vout only)


Similar Part No. - V24B48C150BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B48C200B VICOR-V24B48C200B Datasheet
148Kb / 8P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V24B48C400B VICOR-V24B48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
logo
Powerbox
V24B48C500BF POWERBOX-V24B48C500BF Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
V24B48C500BF2 POWERBOX-V24B48C500BF2 Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
V24B48C500BF3 POWERBOX-V24B48C500BF3 Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
More results

Similar Description - V24B48C150BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com