Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB192503FLV2R250XTMA1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB192503FLV2R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB192503FLV2R250XTMA1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB192503FLV2R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB192503FLV2R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
6 of 15
Rev. 09.1, 2016-06-13
PTFB192503EL
PTFB192503FL
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
1900
2.63
–3.92
1.36
–4.49
1930
2.56
–3.67
1.33
–4.35
1960
2.48
–3.44
1.31
–4.21
1990
2.42
–3.21
1.28
–4.07
2020
2.35
–2.98
1.26
–3.93
0.1
0.3
0.2
0.4
Nornalized to 50 Ohms
b192503efl
db192503efl Sept. 9, 2009 7:36:47 PM
Z Source
Z Load
2020 MHz
1900 MHz
See next page for reference circuit information
Z0 = 50 W
Z Source
Z Load
G
S
D


Similar Part No. - PTFB192503FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB192503FL INFINEON-PTFB192503FL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
More results

Similar Description - PTFB192503FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com