Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-0312Q0001KE1T Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # DSC400-0312Q0001KE1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-0312Q0001KE1T Datasheet(HTML) 1 Page - Micrel Semiconductor

  DSC400-0312Q0001KE1T Datasheet HTML 1Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 2Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 3Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 4Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 5Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 6Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 7Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 8Page - Micrel Semiconductor DSC400-0312Q0001KE1T Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 1
Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
DSC400
General Description
The DSC400 is a four output crystal-less™
clock generator.
It utilizes Micrel’s proven
PureSilicon™ MEMS technology to provide
excellent
jitter
and
stability
while
incorporating additional device functionality.
The frequencies of the outputs can be
identical or independently derived from
common PLLs.
Each
output
may
be
configured
independently to support a single ended
LVCMOS interface or a differential interface.
Differential options include LVPECL, LVDS, or
HCSL.
The DSC400 provides two independent select
lines for choosing between two sets of pre-
configured frequencies per bank. It also has
two OE pins to allow for enabling and
disabling outputs.
The DSC400 is packaged in a 20-pin QFN
(5mm x 3.2mm) and is available in extended
commercial
and
industrial
temperature
grades.
Block Diagram
Features
 Low RMS Phase Jitter: <1 ps (typ)
 High Stability: ±25ppm, ±50ppm
 Wide Temperature Range
o
Ext. commercial: -20°C to 70°C
o
Industrial: -40°C to 85°C
 High Supply Noise Rejection: -50 dBc
 Four format configurable outputs:
o
LVPECL, LVDS, HCSL, LVCMOS
 Available Pin-Selectable frequency table
o
1 pin per bank for 2 frequency sets
 Wide Freq. Range:
o
2.3 MHz – 460 MHz
 20 QFN Footprint (5mm x 3.2mm)
 Excellent Shock & Vibration Immunity
o
Qualified to MIL-STD-883
 High Reliability
o
20x better MTF than quartz based devices
 Wide Supply Range of 2.25 to 3.6 V
 Lead Free & RoHS Compliant
 AEC-Q100 Automotive Qualified
Applications
 Communications and Networks
 Ethernet
o
1G, 10GBASE-T/KR/LR/SR, and FCoE
 Storage Area Networks
o
SATA, SAS, Fibre Channel
 Passive Optical Networks
o
EPON, 10G-EPON, GPON, 10G-PON
 HD/SD/SDI Video & Surveillance
 Automotive
 Media and Video
 Embedded and Industrial


Similar Part No. - DSC400-0312Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-0312Q0001KE1T MICROCHIP-DSC400-0312Q0001KE1T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-0312Q0001KE1T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com