Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB182503ELV1R250 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB182503ELV1R250
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182503ELV1R250 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB182503ELV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 10Page - Infineon Technologies AG PTFB182503ELV1R250 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PTFB182503EL
PTFB182503FL
Data Sheet
7 of 12
Rev. 07.2, 2016-06-10
Reference Circuit (cont.)
Electrical Characteristics at 1880 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201, TL219, TL220,
W = 0.002, ANG = 90.000, R = 0.002
W = 2, ANG = 3543307, R = 70
TL222
TL202
W1 = 1.651, W2 = 2.032
W1 = 65, W2 = 80
TL203
0.012 λ, 51.58 W
W = 1.651, L = 1.118
W = 65, L = 44
TL204
0.084 λ, 6.86 W
W = 20.320, L = 7.366
W = 800, L = 290
TL205
0.011 λ, 45.17 W
W = 2.032, L = 1.016
W = 80, L = 40
TL206
0.028 λ, 23.60 W
W = 4.928, L = 2.540
W = 194, L = 100
TL207
0.028 λ, 23.79 W
W = 4.877, L = 2.540
W = 192, L = 100
TL208 (taper)
0.018 λ, 6.86 W / 8.31 W
W1 = 20.320, W2 = 16.510, L = 1.575
W1 = 800, W2 = 650, L = 62
TL209, TL210
0.076 λ, 34.08 W
W = 3.048, L = 7.112
W = 120, L = 280
TL211, TL216, TL224, 0.032 λ, 34.08 W
W1 = 3.048, W2 = 3.048, W3 = 3.048
W1 = 120, W2 = 120, W3 = 120
TL225
TL212, TL228, TL217, 0.024 λ, 34.08 W
W1 = 3.048, W2 = 3.048, W3 = 2.286
W1 = 120, W2 = 120, W3 = 90
TL218, TL227
TL213
0.008 λ, 34.08 W
W1 = 3.048, W2 = 3.048, W3 = 0.762
W1 = 120, W2 = 120, W3 = 30
TL214, TL215
0.051 λ, 34.08 W
W = 3.048, L = 4.826
W = 120, L = 190
TL221, TL242
0.013 λ, 51.58 W
W = 1.651, L = 1.270
W = 65, L = 50
TL223 (taper)
0.018 λ, 19.45 W / 51.58 W
W1 = 6.248, W2 = 1.651, L = 1.651
W1 = 246, W2 = 65, L = 65
TL226
W1 = 12.700, W2 = 17.780
W1 = 500, W2 = 700
TL229, TL230
0.000 λ, 19.45 W
W = 6.248, L = 0.025
W = 246, L = 1
TL231 (taper)
0.038 λ, 8.31 W / 19.45 W
W1 = 16.510, W2 = 6.248, L = 3.378
W1 = 650, W2 = 246, L = 133
TL232
W1 = 6.248, W2 = 0.025 , W3 = 6.248,
W1 = 246, W2 = 1, W3 = 246,
W4 = 0.025
W4 = 1
TL233, TL234, TL237, 0.000 λ, 146.88 W
W = 0.025, L = 0.025
W = 1, L = 1
TL238
TL235
0.005 λ, 51.58 W
W = 1.651, L = 0.508
W = 65, L = 20
TL236
0.000 λ, 8.31 W
W = 16.510, L = 0.025
W = 650, L = 1
TL239
W1 = 20.320, W2 = 0.025, W3 = 20.320
W1 = 800, W2 = 1, W3 = 800,
W4 = 0.025
W4 = 1
TL240, TL241
0.000 λ, 6.86 W
W = 20.320, L = 0.025
W = 800, L = 1


Similar Part No. - PTFB182503ELV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EL INFINEON-PTFB182503EL Datasheet
721Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Rev. 06, 2010-11-09
More results

Similar Description - PTFB182503ELV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com