Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB093608FV Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PTFB093608FV
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB093608FV Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PTFB093608FV Datasheet HTML 5Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 6Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 7Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 8Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 9Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 10Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 11Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 12Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PTFB093608FV
Data Sheet
11 of 13
Rev. 04, 2012-07-24
Reference Circuit (cont.)
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101
Chip capacitor, 1.8 pF
ATC
ATC100B1R8BW500XB
C102, C103
Chip capacitor, 2.7 pF
ATC
ATC100B2R7BW500XB
C104, C105, C109, C113
Chip capacitor, 56 pF
ATC
ATC100B560JW500XB
C106, C110
Chip capacitor, 3.9 pF
ATC
ATC100B3R9CW500XB
C107, C111
Chip capacitor, 2.7 pF
ATC
ATC100B2R7CW500XB
C108, C112, C804
Chip capacitor, 10000 pF
ATC
ATC200B103MW
C114
Chip capacitor, 4.71 µF
Digi-Key
493-2372-2-ND
C801, C802, C803
Chip capacitor, 1000 pF
Digi-Key
PCC1772CT-ND
R101
Resistor, 22 W
Digi-Key
P22ECT-ND
R102, R107
Resistor, 10 W
Digi-Key
P10ECT-ND
R103, R104, R105, R106,
Resistor, 0 W
Digi-Key
P0ECT-ND
R801
R802
Resistor, 2000 W
Digi-Key
P2.0KECT-ND
R803
Resistor, 1000 W
Digi-Key
P1.0KECT-ND
R804
Resistor, 1300 W
Digi-Key
P1.3KGCT-ND
R805
Resistor, 1200 W
Digi-Key
P1.2KGCT-ND
S1
Potentiometer, 2k W
Digi-Key
3224W-202ECT-ND
S2
Transistor
Digi-Key
BCP56-ND
S3
Voltage Regulator
Digi-Key
LM78L05ACM-ND
Output
C201
Chip capacitor, 3.3 pF
ATC
ATC100B3R3BW500XB
C202, C204
Chip capacitor, 1.8 pF
ATC
ATC100B1R8BW500XB
C220, C221
Chip capacitor, 2.2 pF
ATC
ATC100B2R2BW500XB
C205, C206
Chip capacitor, 56 pF
ATC
ATC100B560JW500XB
C207, C208
Chip capacitor, 3.3 pF
ATC
ATC100B3R3BW500XB
C209, C222
Chip capacitor, 4.7 pF
ATC
ATC100B4R7BW500XB
C210, C211, C216, C217
Chip capacitor, 4.71 µF
Digi-Key
490-1864-2-ND
C212, C215
Capacitor, 100 µF
Digi-Key
PCE4442TR-ND
C213, C214, C218, C219
Capacitor, 10 µF
Digi-Key
587-1818-2-ND
Pinout Diagram (top view)
Pin
Description
V1
VDD device 1
V2
VDD device 2
D1
Drain device 1
D2
Drain device 2
G1
Gate device 1
G2
Gate device 2
S
Source (flange)
V2
V1
D2
D1
G1
G2
S = flange
H-37275G-6-2_pd_07-24-2012


Similar Part No. - PTFB093608FV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB093608FV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com