Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB093608FV Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFB093608FV
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB093608FV Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFB093608FV Datasheet HTML 1Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 2Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 3Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 4Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 5Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 6Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 7Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 8Page - Infineon Technologies AG PTFB093608FV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
4 of 13
Rev. 04, 2012-07-24
PTFB093608FV
Typical Performance (cont.)
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
910
1.84
–1.74
0.89
–1.52
920
1.78
–1.73
0.86
–1.46
930
1.72
–1.72
0.83
–1.40
940
1.66
–1.71
0.81
–1.35
950
1.61
–1.69
0.79
–1.29
960
1.55
–1.66
0.77
–1.23
970
1.50
–1.64
0.75
–1.17
Z Source
Z Load
G
D
G
S
D
0
10
20
30
40
50
-60
-50
-40
-30
-20
-10
35
40
45
50
55
Output Power Avg. (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 2.8 A, ƒ = 960 MHz,
3GPP WCDMA, PAR = 8 dB,
10 MHz carrier spacing, BW 3.84 MHz
Efficiency
IMD Up
IMD Low
ACPR
-55
-50
-45
-40
-35
-30
-25
-20
36
38
40
42
44
46
48
50
52
54
Output Power Avg. (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 28 V, IDQ = 2.8 A, 3GPP WCDMA,
PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
960 Lower
960 Upper
940 Lower
940 Upper
920 Lower
920 Upper
IMD Low
IMD Up


Similar Part No. - PTFB093608FV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
More results

Similar Description - PTFB093608FV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com