Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB192503FL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB192503FL
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB192503FL Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB192503FL Datasheet HTML 1Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 2Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 3Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 4Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 5Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 6Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 7Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 8Page - Infineon Technologies AG PTFB192503FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PTFB192503EL
PTFB192503FL
Data Sheet
5 of 15
Rev. 09.1, 2016-06-13
Typical Performance (cont.)
0
10
20
30
40
50
60
15
16
17
18
19
20
21
40
45
50
55
Output Power (dBm)
CW
Gain & Efficiency vs. Output Power
VDD = 30 V, IDQ = 1.85 A, ƒ = 1990 MHz
+85°C
+25°C
–10° C
Efficiency
Gain
17
18
19
20
40
45
50
55
Output Power (dBm)
CW Performance
Gain vs. Output Power
VDD = 30 V, ƒ = 1990 MHz
IDQ = 1.85 A
IDQ = 2.5 A
IDQ = 1.2 A
-70
-60
-50
-40
-30
-20
35
40
45
50
55
Output Power, PEP (dBm)
Intermodulation Distortion
vs. Output Power
VDD = 30 V, IDQ = 1.85 A,
ƒ1 = 1990 MHz, ƒ2 = 1989 MHz
IMD3
IMD7
IMD5


Similar Part No. - PTFB192503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB192503FL INFINEON-PTFB192503FL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
More results

Similar Description - PTFB192503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFB211803EFL INFINEON-PTFB211803EFL Datasheet
819Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.1, 2016-06-15
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com