Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB211803FLV2R250XTMA1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PTFB211803FLV2R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211803FLV2R250XTMA1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PTFB211803FLV2R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 12Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 13Page - Infineon Technologies AG PTFB211803FLV2R250XTMA1 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PTFB211803EL
PTFB211803FL
Data Sheet
11 of 14
Rev. 05.1, 2016-06-15
Reference Circuit (cont.)
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C106, C107
Chip capacitor,10 pF
ATC
ATC100B100JW500XJ
C102, C105
Chip capacitor, 0.1 µF
Digi-Key
PCC104BCT-ND
C103, C104
Chip capacitor, 4.71 µF
Digi-Key
493-2372-2-ND
C108
Chip capacitor, 2.1 pF
ATC
ATC100B2R1BW500XB
C801, C802, C803
Capacitor, 1000 pF
Digi-Key
PCC1772CT-ND
R101, R102, R802, R803
Resistor, 10 W
Digi-Key
P10ECT-ND
R801
Resistor, 1300 W
Digi-Key
P1.3KGCT-ND
R804
Resistor, 100 W
Digi-Key
P100ECT-ND
R805
Resistor, 1200 W
Digi-Key
P1.2KGCT-ND
S1
Transistor
Digi-Key
BCP56-ND
S2
Voltage Regulator
Digi-Key
LM78L05ACM-ND
S4
Potentiometer, 2k W
Digi-Key
3224W-202ECT-ND
Output
C201
Chip capacitor, 10 pF
ATC
ATC100B100JW500XJ
C202, C210
Capacitor, 10 µF
Digi-Key
587-1818-2-ND
C203
Chip capacitor, 0.3 pF
ATC
ATC100B0R3BW500XB
C204, C205
Capacitor, 100 µF
Digi-Key
PCE4442TR-ND
C206, C208
Chip capacitor, 2.2 µF
Digi-Key
445-1447-2-ND
C207, C209
Chip capacitor, 1 µF
Digi-Key
445-1411-2-ND


Similar Part No. - PTFB211803FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211803FL INFINEON-PTFB211803FL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
More results

Similar Description - PTFB211803FLV2R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFB192503EFL INFINEON-PTFB192503EFL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB090901EFA INFINEON-PTFB090901EFA Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05.2, 2016-06-09
PTFA092201EF INFINEON-PTFA092201EF Datasheet
7Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFB211501EF INFINEON-PTFB211501EF Datasheet
351Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 2016-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com