Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB210801FA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTFB210801FA
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB210801FA Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTFB210801FA Datasheet HTML 1Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 2Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 3Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 4Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 5Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 6Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 7Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 8Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
2 of 11
Rev. 01.1, 2016-06-14
PTFB210801FA
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
Drain Leakage Current
VDS = 63 V, VGS = 0 V
IDSS
10.0
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.05
W
Operating Gate Voltage
VDS = 30 V, IDQ = 750 mA
VGS
2.3
3.0
3.3
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Junction Temperature
TJ
200
°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 80 W CW)
RqJC
0.50
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTFB210801FA V1 R0
PTFB210801FAV1R0XTMA1
H-37265-2, earless flange
Tape & Reel, 50 pcs
PTFB210801FA V1 R250
PTFB210801FAV1R250XTMA1
H-37265-2, earless flange
Tape & Reel, 250 pcs


Similar Part No. - PTFB210801FA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
More results

Similar Description - PTFB210801FA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com