Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB210801FA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PTFB210801FA
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB210801FA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PTFB210801FA Datasheet HTML 3Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 4Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 5Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 6Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 7Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 8Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 9Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 10Page - Infineon Technologies AG PTFB210801FA Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
11 of 11
Rev. 01.1, 2016-06-14
Edition 2016-06-14
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2011 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the
application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written approval of In-
fineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device
or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be
implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Pleasesendyourproposal(includingareferencetothisdocument)to:
highpowerRF@infineon.com
Torequestotherinformation,contactusat:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
PTFB210801FA V1
Revision History
Revision
Date
Data Sheet Type
Page
Subjects (major changes since last revision)
01
2011-03-30
Production
All
Data Sheet reflects advance specification for product development
01.1
2016-06-14
Production
2
Updated ordering information


Similar Part No. - PTFB210801FA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
More results

Similar Description - PTFB210801FA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com