Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE46134 Datasheet(PDF) 8 Page - NEC

Part # NE46134
Description  NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE46134 Datasheet(HTML) 8 Page - NEC

Back Button NE46134 Datasheet HTML 2Page - NEC NE46134 Datasheet HTML 3Page - NEC NE46134 Datasheet HTML 4Page - NEC NE46134 Datasheet HTML 5Page - NEC NE46134 Datasheet HTML 6Page - NEC NE46134 Datasheet HTML 7Page - NEC NE46134 Datasheet HTML 8Page - NEC NE46134 Datasheet HTML 9Page - NEC NE46134 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE46100, NE46134
NE46134
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
FREQUENCY
S11
S21
S12
S22
K
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
Notes:
1. The NE41634 was measured with the package mounted on a 0.030" thick RT Duroid 5880 substrate.
To avoid exceeding TJ MAX when using poor thermal conducting substrates, use of a heat sink is recommended. For example:
The Thermalloy 7100D series heat sink or thermal equivalent may be suitable. The above S parameters were measured without heat sink.
2. Gain Calculations:
VCE = 10 V, lC = 50 mA
0.05
0.366
-103.2
35.884
122.0
0.022
60.3
0.533
-65.3
0.59
32.2
0.10
0.374
-141.4
20.121
103.8
0.033
64.0
0.329
-89.2
0.81
27.8
0.20
0.361
-168.7
10.486
91.2
0.058
68.5
0.214
-110.9
0.97
22.6
0.40
0.358
169.1
5.335
78.8
0.106
69.7
0.175
-128.0
1.05
15.7
0.60
0.363
154.2
3.610
70.1
0.154
67.3
0.179
-133.6
1.06
12.2
0.80
0.368
141.6
2.755
62.0
0.200
63.6
0.193
-135.3
1.07
9.8
1.00
0.369
130.7
2.257
54.7
0.245
59.4
0.211
-135.8
1.06
8.1
1.20
0.372
120.0
1.933
47.8
0.287
55.0
0.235
-135.9
1.05
6.9
1.40
0.366
110.4
1.713
41.1
0.327
50.4
0.262
-136.1
1.04
5.9
1.60
0.359
100.9
1.532
34.8
0.362
45.8
0.291
-136.3
1.04
5.0
1.80
0.353
92.4
1.397
29.7
0.393
41.9
0.319
-137.9
1.04
4.3
2.00
0.350
82.8
1.305
24.4
0.426
37.6
0.344
-138.5
1.03
3.8
2.20
0.339
73.3
1.220
19.0
0.453
33.3
0.370
-139.0
1.03
3.3
2.40
0.329
63.5
1.153
14.4
0.478
29.2
0.393
-139.7
1.02
2.9
2.50
0.324
58.2
1.120
12.3
0.490
27.2
0.403
-140.0
1.03
2.6
0.05
0.377
-101.0
36.164
122.1
0.022
66.4
0.536
-63.9
0.58
32.2
0.10
0.358
-139.9
20.301
103.9
0.034
66.5
0.327
-87.1
0.82
27.8
0.20
0.345
-167.5
10.586
91.2
0.058
68.1
0.209
-108.1
0.97
22.6
0.40
0.342
169.7
5.386
78.8
0.107
69.8
0.169
-125.0
1.05
15.7
0.60
0.349
154.1
3.646
70.1
0.155
67.3
0.173
-130.6
1.06
12.2
0.80
0.350
141.2
2.782
62.0
0.202
63.5
0.187
-132.5
1.06
9.8
1.00
0.351
130.1
2.278
54.8
0.247
59.3
0.206
-133.1
1.06
8.1
1.20
0.356
119.1
1.952
47.6
0.289
54.8
0.230
-133.3
1.05
6.9
1.40
0.350
109.5
1.729
41.0
0.329
50.2
0.258
-133.7
1.04
5.9
1.60
0.342
100.0
1.543
34.8
0.364
45.7
0.289
-134.1
1.04
5.0
1.80
0.337
91.1
1.409
29.6
0.395
41.6
0.318
-136.0
1.04
4.3
2.00
0.333
80.8
1.316
24.4
0.428
37.3
0.343
-136.6
1.03
3.8
2.20
0.323
70.8
1.229
18.8
0.455
33.0
0.370
-137.3
1.03
3.3
2.40
0.312
60.8
1.163
14.4
0.481
28.9
0.394
-138.1
1.02
2.9
2.50
0.308
55.2
1.132
12.2
0.492
26.9
0.406
-138.5
1.02
2.7
0.50
0.416
-90.3
34.060
125.4
0.025
60.6
0.589
-58.0
0.52
31.4
0.10
0.393
-132.0
19.738
106.2
0.035
60.6
0.365
-79.9
0.74
27.5
0.20
0.361
-162.4
10.390
92.3
0.057
65.0
0.226
-99.1
0.95
22.6
0.40
0.356
172.5
5.308
79.2
0.103
68.1
0.174
-115.3
1.05
15.8
0.60
0.356
156.9
3.589
70.1
0.149
66.3
0.176
-121.7
1.07
12.2
0.80
0.362
143.8
2.738
61.8
0.194
63.1
0.192
-124.7
1.07
9.9
1.00
0.365
132.9
2.241
54.4
0.237
59.3
0.213
-126.4
1.07
8.2
1.20
0.369
121.8
1.915
47.2
0.278
55.2
0.240
-127.8
1.06
6.9
1.40
0.363
112.5
1.698
40.5
0.317
50.9
0.269
-129.3
1.05
6.0
1.60
0.356
102.9
1.514
34.2
0.351
46.4
0.302
-130.5
1.05
5.0
1.80
0.354
94.7
1.380
29.0
0.382
42.7
0.332
-132.9
1.04
4.3
2.00
0.352
85.1
1.284
23.7
0.415
38.5
0.358
-134.2
1.03
3.9
2.20
0.341
75.1
1.200
18.3
0.442
34.4
0.386
-135.3
1.03
3.4
2.40
0.331
65.6
1.133
13.8
0.468
30.3
0.411
-136.5
1.02
3.0
2.50
0.324
60.5
1.101
11.8
0.479
28.4
0.422
-137.0
1.02
2.7
VCE = 10 V, lC = 100 mA
VCE = 8 V, lC = 100 mA


Similar Part No. - NE46134

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE46134 CEL-NE46134 Datasheet
284Kb / 11P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
NE46134-T1-AZ CEL-NE46134-T1-AZ Datasheet
284Kb / 11P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results

Similar Description - NE46134

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE46100 CEL-NE46100 Datasheet
284Kb / 11P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
NEC
NE56900 NEC-NE56900 Datasheet
166Kb / 5P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
NE64300 NEC-NE64300 Datasheet
265Kb / 6P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
List of Unclassifed Man...
B15V140 ETC1-B15V140 Datasheet
53Kb / 7P
   MEDIUM POWER SILICON MICROWAVE TRANSISTOR
BRF480 ETC1-BRF480 Datasheet
46Kb / 6P
   MEDIUM POWER SILICON MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com