Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BX096Y240A00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # BCM48BX096Y240A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX096Y240A00 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM48BX096Y240A00 Datasheet HTML 1Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 2Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 3Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BX096Y240A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
BCM48Bx096y240A00
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 1 of 20
08/2016
800 927.9474
BCM® Bus Converter
Isolated Fixed Ratio DC-DC Converter
S
NRTL
CUS
C
US
®
SW1
enable / disable
switch
F1
VIN
PC
TM
-OUT
+OUT
-IN
+IN
L
O
A
D
BCM®
Bus Converter
Features & Benefits
48VDC – 9.6VDC 240W Bus Converter
High efficiency (>95%) reduces system
power consumption
High power density (>817W/in3)
reduces power system footprint by >40%
Contains built-in protection features:
n
Undervoltage
n
Overvoltage Lockout
n
Overcurrent Protection
n
Short circuit Protection
n
Overtemperature Protection
Provides enable/disable control,
internal temperature monitoring
Can be paralleled to create multi-kW arrays
Typical Applications
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Communications Systems
Description
The VI Chip® bus converter is a high efficiency (>95%) Sine
Amplitude Converter™ (SAC™) operating from a 38 to 55VDC
primary bus to deliver an isolated, ratiometric output voltage from
7.6 to 11.0VDC. The Sine Amplitude Converter offers a low AC
impedance beyond the bandwidth of most downstream regulators;
therefore capacitance normally at the load can be located at the
input to the Sine Amplitude Converter. Since the transformation
ratio of the BCM48Bx096y240A00 is 1/5, the capacitance value
can be reduced by a factor of 25x, resulting in savings of board
area, materials and total system cost.
The BCM48BF096y240A00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to a large thermal interface
area and superior thermal conductivity. The high conversion
efficiency of the BCM48Bx096y240A00 increases overall
system efficiency and lowers operating costs compared to
conventional approaches.
Typical Application
Product Number
Package Style (x)
Product Grade (y)
BCM48Bx096y240A00
F = J-Lead
T = -40° to 125°C
T = Through hole
M = -55° to 125°C
Product Ratings
VIN = 48V (38 – 55V)
POUT= up to 240W
VOUT = 9.6V (7.6 – 11.0V)
(no load)
K = 1/5
For Storage and Operating Temperatures see General Characteristics
Part Numbering


Similar Part No. - BCM48BX096Y240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX030Y210A00 VICOR-BCM48BX030Y210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX080Y240A00 VICOR-BCM48BX080Y240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX096Y240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com