Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BX080Y240A00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # BCM48BX080Y240A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX080Y240A00 Datasheet(HTML) 2 Page - Vicor Corporation

  BCM48BX080Y240A00 Datasheet HTML 1Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 2Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 3Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BX080Y240A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 2 of 20
08/2016
800 927.9474
BCM48Bx080y240A00
-IN
PC
RSV
TM
+IN
-OUT
+OUT
-OUT
+OUT
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
43
21
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Pin Configuration
Pin Descriptions
Pin Number
Signal Name
Type
Function
A1-E1, A2-E2
+IN
INPUT POWER
Positive input power terminal
L1-T1, L2-T2
–IN
INPUT POWER
RETURN
Negative input power terminal
H1, H2
TM
OUTPUT
Temperature monitor, input side referenced signal
J1, J2
RSV
NC
No connect
K1, K2
PC
OUTPUT/INPUT
Enable and disable control, input side referenced signal
A3-D3, A4-D4,
J3-M3, J4-M4
+OUT
OUTPUT POWER
Positive output power terminal
E3-H3, E4-H4,
N3-T3, N4-T4
–OUT
OUTPUT POWER
RETURN
Negative output power terminal


Similar Part No. - BCM48BX080Y240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX030Y210A00 VICOR-BCM48BX030Y210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX080Y240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com