Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9925 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV9925
Description  Programmable-Current LED Lamp Driver IC with PWM Dimming
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9925 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV9925 Datasheet HTML 2Page - Supertex, Inc HV9925 Datasheet HTML 3Page - Supertex, Inc HV9925 Datasheet HTML 4Page - Supertex, Inc HV9925 Datasheet HTML 5Page - Supertex, Inc HV9925 Datasheet HTML 6Page - Supertex, Inc HV9925 Datasheet HTML 7Page - Supertex, Inc HV9925 Datasheet HTML 8Page - Supertex, Inc HV9925 Datasheet HTML 9Page - Supertex, Inc HV9925 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HV9925
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Figure 4. Switching Waveforms. CH1: V
RSENSE, CH2: VDRAIN
Figure 5. Switch-On Transition – Leading Edge Spike.
CH1: VR
SENSE, CH2: VDRAIN
Figure 6. PWM Dimming – Rising Edge. CH4: 10×I
OUT
Figure 7. PWM Dimming – Falling Edge. CH4: 10×IOUT
Pin # Function Description
1
RSENSE Source terminal of the output switching MOSFET provided for current sense resistor connection.
2
GND
Common connection for all circuits.
3
PWMD PWM Dimming input to the IC.
4
VDD
Power supply pin for internal control circuits. Bypass this pin with a 0.1uF low impedance capacitor.
5
NC
No connection.
6
DRAIN
Drain terminal of the output switching MOSFET and a linear regulator input.
7
8
Pin Description


Similar Part No. - HV9925

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
HV9925SG-G SUTEX-HV9925SG-G Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
More results

Similar Description - HV9925

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com