Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBF14008C64 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDBF14008C64
Description  This specification shall cover the characteristics of SAW filter BF14008C64
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF14008C64 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDBF14008C64 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF14008C64 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF14008C64 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF14008C64 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF14008C64 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF14008C64 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAW FILTER
HDBF14008C64
SF6-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 6
3. DIMENSION
4.TEST
CIRCUIT
L1=L2=22nH
C1=C2=68pF


Similar Part No. - HDBF14008C64

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF14000A61 SHOULDER-HDBF14000A61 Datasheet
106Kb / 6P
   SAW FILTER
HDBF14000B24 SHOULDER-HDBF14000B24 Datasheet
121Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14000B24
HDBF14000D64 SHOULDER-HDBF14000D64 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
HDBF14000D64SP01 SHOULDER-HDBF14000D64SP01 Datasheet
120Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14000D64 used for the page system.
HDBF14001A24 SHOULDER-HDBF14001A24 Datasheet
123Kb / 6P
   SAW FILTER
More results

Similar Description - HDBF14008C64

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
   This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF07004B64
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF15610A24
HDBF08018A63 SHOULDER-HDBF08018A63 Datasheet
147Kb / 8P
   This specification shall cover the characteristics of SAW filter BF08018A63
HDF135TS24 SHOULDER-HDF135TS24 Datasheet
124Kb / 6P
   This specification shall cover the characteristics of SAW filter F135T
HDBF08018A64 SHOULDER-HDBF08018A64 Datasheet
133Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF08018A64
HDBF14021A24 SHOULDER-HDBF14021A24 Datasheet
127Kb / 6P
   This specification shall cover the characteristics of SAW filter BF14021A24
HDF110LS3 SHOULDER-HDF110LS3 Datasheet
176Kb / 8P
   This specification shall cover the characteristics of SAW filter F110L.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com