Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD392V Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MTD392V
Description  Coaxial Transceiver Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD392V Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTD392V Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD392V Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MYSON
TECHNOLOGY
MTD392
FAMILY
MTD392 Revision 2.01 02/25/1997
6/10
receiving operation. During transmission, the detection
threshold is increased to -0.42V plus its own transmission
level on the CDS pin. When TST- is connected to VEE and
MOD- is connected to GND, MTDX94 uses the transmit-
hybrid mode for collision detection. This mode is identical to
hybrid-mode, except that during idle or receiving operation,
the detection threshold is set at -1.53V. For proper operation
of hybrid and transmission-hybrid mode, a 400
W resistor
should be connected between the CDS pin and GND. This pin
has a 50 k
W internal pull-up resistor.
3.0 ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage (VEE)
-12V
Input Voltage
GND+0.3 to VEE-0.3V
Storage Temperature
-65o to 150oC
Ambient Operating Temperature
0o to 70oC
ESD Protection except RXI
2000V
4.0 OPERATING CONDITIONS
DC Supply Voltage (VEE)
8.55-9.45V
Operating Temperature
0o to 70oC
5.0 ELECTRICAL CHARACTERISTICS (under operating conditions) (Note 1)
Parameter
Symbol
Min
Typ
Max
Unit
Recommended Supply Voltage
VEE
-8.55
-9.0
-9.45
V
Non-transmitting Supply Current (VEE to GND)
IEE
-
-25
-35
mA
Transmission
-
-70
-80
mA
Receiving Input Bias Current (RXI)
Irxi
-2
-
+25
mA
Transmitting Output DC Current (TXO)
Itdc
37
41
45
mA
Transmitting Output AC Current (TXO)
Itac
±28
-
Itdc
mA
Collision Threshold (Receiving Mode)
Vcd
-1.45
-1.53
-1.62
V
Collision Threshold (Hybrid Mode)
(MTDX94 only)
Vhcd
-0.38
-0.45
-0.52
V
Carrier Sense Threshold (RXI)
Vcs
-0.38
-0.45
-0.52
V
Differential Output Voltage (RX
±,CD±)
Vod
±500
-
±1500
mV
DC Common Mode Output Voltage (RX
±,CD±) (Note2)
Voc
-1.0
-2.0
-3.0
V
Idle State Differential Offset Voltage(RX
±,CD±)
Vob
-
0
±40
mV
Transmission Squelch Threshold(TX
±)
(Note 3)
Vts
-175
-225
-300
mV
Input Capacitance (RXI)
Cx
-
1.5
-
pF
Shunt Resistance-Non-transmitting
Rrxi
100
-
-
k
W
Shunt Resistance-Transmitting
Rtxo
10
-
-
k
W
Notes:1. Testing is done under the testing load defined in Figure 6.
2. During idle condition, Voc is pulled down to VEE to minimize the power dissipation across the load
resistors connected to RX
± and CD±pins.
3. For a minimum pulse width of
³40 ns.


Similar Part No. - MTD392V

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3910D3 MARKTECH-MTD3910D3 Datasheet
323Kb / 3P
   Peak Sensitivity Wavelength: 940nm
More results

Similar Description - MTD392V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
   Transceiver Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com